Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S505-4-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # S505-4-R
Description  5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

S505-4-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  S505-4-R Datasheet HTML 1Page - Eaton All Rights Reserved. S505-4-R Datasheet HTML 2Page - Eaton All Rights Reserved. S505-4-R Datasheet HTML 3Page - Eaton All Rights Reserved. S505-4-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
2037
Effective February 2017
S505
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
www.eaton.com/electronics
Electrical characteristics
l
n
1.5l
n
min
minute
2.1l
n
max
minute
2.75l
n
min
ms
max
s
4l
n
min
ms
max
s
10l
n
min
ms
max
ms
< 1 A
60
30
250
80
50
5
5
150
1 A - 3.15 A
60
30
750
80
95
5
10
150
4 A - 6.3 A
60
30
750
80
150
5
10
150
8 A - 12 A
30
30
750
80
150
5
10
150
Product specifications
Part number6
Current
rating
(A)
Voltage
rating AC
Interrupting
rating at rated AC
voltage1 (50 Hz)
(A
AC)
Typical
DC cold
resistance2 (Ω)
Typical
pre-arcing 3
I2t (A2s)
Typical
voltage drop4
(mV)
IMQ
VDE
SEMKO cURus
CCC/
CQC
PSE-
JET
CSA
KC
BSI
S505-500-R
0.5
250
1500
0.5070
0.188*
295
X
X
X
X
X5
X
X
S505-800-R
0.8
250
1500
0.2370
0.632*
189
X
X
X
X
X5
X
X
S505-1-R
1.0
250
1500
0.1401
1.28
152.5
X
X
X
X
X
X
X
X
X
S505-1.25-R
1.25
250
1500
0.1075
2.22
150
X
X
X
X
X
X
X
X
X
S505-1.6-R
1.6
250
1500
0.0700
6.78
125
X
X
X
X
X
X
X
X
X
S505-2-R
2.0
250
1500
0.0545
9.6
118.5
X
X
X
X
X
X
X
X
X
S505-2.5-R
2.5
250
1500
0.0395
16.6
115
X
X
X
X
X
X
X
X
X
S505-3.15-R
3.15
250
1500
0.0305
36.6
102.5
X
X
X
X
X
X
X
X
X
S505-4-R
4.0
250
1500
0.0185
38.45*
86.5
X
X
X
X
X
X
X
X
X
S505-5-R
5.0
250
1500
0.0131
71.30*
77.5
X
X
X
X
X
X
X
X
X
S505-6.3-R
6.3
250
1500
0.0102
111*
75
X
X
X
X
X
X
X
X
X
S505-8-R
8.0
250
1500
0.0077
228*
73
X
X
X
X
X5
X
X
X
X
S505-10-R
10
250
1500
0.0061
397
72
X
X
X
X
X5
X
X
X
X
S505-12-R
12
250
1000
0.0053
713.7*
77
X
X
1 Interrupting ratings 500 mA to 10 A measured at 70% to 80% PF on AC. 12 A measured at
100% PF on AC.
2 Typical DC cold resistance measured at <10% of rated current at an ambient temperature of
20° C (reference only)
3 Typical pre-arcing (I²t) measured at listed interrupting rating and voltage.
*= measured at 10 times rated current under DC.
4 Typical voltage drop measured at 20° C at rated current.
5 CQC approval only
6 Part number definition: S505-xxx-R
S505= Product code and size
xxx= Ampere rating
-R= Rohs compliant
Dimensions (mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com