Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S501-5-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # S501-5-R
Description  5 mm x 20 mm Fast-acting ceramic tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

S501-5-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  S501-5-R Datasheet HTML 1Page - Eaton All Rights Reserved. S501-5-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2051
Effective June 2017
Supersedes March 2011
Product features
• Specify packaging, product and option code
• Ratings above 6.3 A have a 0.8 mm diameter lead
• With TR2 packaging code, lead wire length is 19.05 mm
Ordering information
cURus: File E19180, Guide JDYX2, JDYX8
CSA Component Acceptance: File 53787
SEMKO Approval: File 413779
VDE Approval: File 40015517
IMQ Approval: File EB405
CCC Approval: File 2005010207155691
BSI Approval: File KM55676
Fast-acting high breaking capacity
Optional axial leads available
5 mm x 20 mm physical size
Ceramic tube with silver-plated (50 mA-400 mA) and
nickel-plated (500 mA-10 A) endcaps.
Designed to IEC 60127-2
Electrical Characteristics
1.5 In 2.1 In
2.75 In
4 In
10 In
In
min
max
min
max
min
max
max
50mA-4A
60 min 30 min 10 ms
2 sec
3 ms
300 ms 20 ms
5A-6.3A
60 min 30 min 10 ms
3 sec
3 ms
300 ms 20 ms
8A-10A
30 min 30 min 40 ms 20 sec 10 ms
1s
30 ms
Specifications
Voltage Interrupting Rating at
Rated Voltage (50Hz)
Typical DC
Typical
Typical
Agency Approvals
Product
Rating
Cold Resistance
Melting I 2t
Voltage
IMQ VDE BSI SEMKO
cURus CCC MITI/
CSA
Code
Vac
Vac
(amps)
Drop (mV)†
JET
S501-50-R
250
1500
157.5
0.0017
9000
X
X
X
X
X
X
X
S501-63-R
250
1500
39.0
0.0005
3300
X
X
X
S501-80-R
250
1500
27.9
0.0011
2600
X
X
S501-100-R
250
1500
20.0
0.0018
2300
X
X
S501-125-R
250
1500
12.3
0.0037
1900
X
X
S501-160-R
250
1500
8.5
0.008
1600
X
X
X
X
X
X
X
S501-200-R
250
1500
6.0
0.02
1350
X
X
X
X
X
X
X
S501-250-R
250
1500
4.4
0.027
1300
X
X
X
X
X
X
X
S501-315-R
250
1500
3.3
0.01
1400
X
X
X
X
X
X
X
S501-400-R
250
1500
2.2
0.018
1200
X
X
S501-500-R
250
1500
0.460
0.038
1050
X
X
X
X
X
X
X
S501-630-R
250
1500
0.340
0.064
1200
X
X
S501-800-R
250
1500
0.245
0.097
490
X
X
X
X
X
X
X
S501-1-R
250
1500
0.231
0.146**
330
X
X
X
X
X
S501-1.25-R
250
1500
0.176
0.313**
297
X
X
X
X
S501-1.6-R
250
1500
0.113
0.748**
239
X
X
X
X
X
S501-2-R
250
1500
0.073
2.0
205
X
X
X
X
X
X
X
X‡
S501-2.5-R
250
1500
0.053
3.9
190
X
X
X
X
X
X
X
X‡
S501-3.15-R
250
1500
0.037
8.1
160
X
X
X
X
X
X
X
X‡
S501-4-R
250
1500
0.027
14
160
X
X
X
X
X
X
X
X‡
S501-5-R
250
1500
0.019
25
155
X
X
X
X
X
X
X
X‡
S501-6.3-R
250
1500
0.014
48
150
X
X
X
X
X
X
X
S501-8-R
250
1500
0.009
104
102
X
X
X
X
X
X
S501-10-R
250
1500
0.008
155
111
X
X
X
X
X
X
* DC Cold Resistance (measured at <10% of rated current)
** I2t of 1A, 1.25A & 1.6A is measured at 10I
n DC
† Typical Voltage Drop (voltage drop was measured at 20°C ambient temperature at rated current)
‡ CSA approvals on these ratings will not be marked on the fuse cap
(Ω)*
S501
5 mm x 20 mm Fast-acting ceramic tube fuses
Agency information


Similar Part No. - S501-5-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
5 x 20mm, Fast-Acting, Ceramic Tube Fuses
More results

Similar Description - S501-5-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
5 x 20mm, Fast-Acting, Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
C310FC EATON-C310FC Datasheet
748Kb / 2P
3.6 mm x 10 mm Fast-acting, axial-leaded ceramic tube fuses
C517 EATON-C517 Datasheet
245Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
C520 EATON-C520 Datasheet
288Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
C310FH EATON-C310FH Datasheet
371Kb / 5P
3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
GDA EATON-GDA Datasheet
321Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
GDB EATON-GDB Datasheet
627Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
GMA EATON-GMA Datasheet
439Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S500 EATON-S500 Datasheet
252Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
C518 EATON-C518 Datasheet
310Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com