Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S506-40-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # S506-40-R
Description  5 mm x 20 mm Time-delay glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

S506-40-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  S506-40-R Datasheet HTML 1Page - Eaton All Rights Reserved. S506-40-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 4332
Effective June 2017
Supersedes July 2009
Product features
UL Recognized Card: Guide JDYX2, File E19180
CSA Component Acceptance: Class number 1422-30&90
File 053787
cURus Recognition: Guide JDYX8, File E19180
SEMKO Approval: File 1518843, 1410180
VDE Approval: File 40011926
BSI Approval: File KM55676
IMQ Approval: File E1921
PSE/JET: File JET1641-31003-1019, JET1641-31003-1020
CCC Approval: File 2005010207155693, 2002010207011294
Ordering information
Specify product code
Insert packaging code prefix before part number. E.g. BK/
S506-1-R
Ratings above 4A have a 0.81mm diameter lead
Time-delay, low breaking capacity
Optional axial leads available
5 x 20mm physical size
Glass tube, nickel-plated brass endcap construction
Designed to IEC 60127-2/3 (32mA-10A) &
extensions:12.5A-15A
Voltage Interrupting Rating
Typical DC
Typical
Typical
Agency Approvals
Product
Rating
(amps) at Rated
Cold Resistance
Melting I2t
Voltage
IMQ VDE BSI SEMKO
UR CCC PSE/ CSA
cURus
Code
Vac
Voltage (50Hz) Vac
(amps)
Drop (mV)‡
JET
S506-32-R
250
35
21.0
0.0051
1050
X
X
X
X
X
X
S506-40-R
250
35
13.90
0.0072
920
X
X
X
X
X
X
S506-50-R
250
35
9.24
0.0095
800
X
X
X
X
X
X
X
S506-63-R
250
35
6.96
0.021
760
X
X
X
X
X
X
X
S506-80-R
250
35
4.42
0.038
580
X
X
X
X
X
X
X
S506-100-R
250
35
2.80
0.045
490
X
X
X
X
X
X
X
S506-125-R
250
35
1.97
0.063
390
X
X
X
X
X
X
X
S506-160-R
250
35
1.27
0.093
320
X
X
X
X
X
X
X
S506-200-R
250
35
1.00
0.114
340
X
X
X
X
X
X
X
S506-250-R
250
35
0.640
0.265
270
X
X
X
X
X
X
X
S506-315-R
250
35
0.450
0.621
250
X
X
X
X
X
X
X
S506-400-R
250
35
0.31
0.872
210
X
X
X
X
X
X
X
S506-500-R
250
35
0.183
0.827
140
X
X
X
X
X
X
X
X
S506-630-R
250
35
0.186
1.33
150
X
X
X
X
X
X
X
X
S506-800-R
250
35
0.129
2.78
75
X
X
X
X
X
X
X
X
S506-1-R
250
35
0.0757
6.45
87.5
X
X
X
X
X
X
X
X
X
S506-1.25-R
250
35
0.060
10.05
86
X
X
X
X
X
X
X
X
X
S506-1.6-R
250
35
0.0425
21.7
82
X
X
X
X
X
X
X
X
X
S506-2-R
250
35
0.03325
31.6
77
X
X
X
X
X
X
X
X
X
S506-2.5-R
250
35
0.0255
59.4
72.5
X
X
X
X
X
X
X
X
X
S506-3.15-R
250
35
0.0185
96.4
68.5
X
X
X
X
X
X
X
X
X
S506-4-R
250
40
0.0139
71.8
67
X
X
X
X
X
X
X
X
X
S506-5-R
250
50
0.00985
142.5
60.5
X
X
X
X
X
X
X
X
X
S506-6.3-R
250
63
0.0071
237.6
54
X
X
X
X
X
X
X
X
X
S506-8-R
250
80
0.007
255.8
55
X
X
X
X
X
X
X
X
S506-10-R
250
100
0.005
450
54
X
X
X
X
X
X
X
X
S506-12.5-R
250
125
0.004
1019.5
45
X
X
X
S506-15-R
250
125
0.004
1091.7
65.5
X
X
X
* DC Cold Resistance (measured at <10% of rated current)
‡ Typical Voltage Drop (voltage drop was measured at 20°C ambient temperature at rated current)
(Ω)*
S506 Electrical Characteristics
2.1 In
2.75 In
4 In
10 In
In
max
min
max
min
max
min
max
32mA-100mA
2 min 200 ms 10 sec 40 ms 3 sec 10 ms 300 ms
125mA-6.3A 2 min 600 ms 10 sec 150 ms 3 sec 20 ms 300 ms
8A-15A
2 min 600 ms 10 sec 150 ms 3 sec 20 ms 300 ms
S506
5 mm x 20 mm Time-delay glass tube fuses
Agency information


Similar Part No. - S506-40-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S506-40-R COOPER-S506-40-R Datasheet
304Kb / 2P
5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
More results

Similar Description - S506-40-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMC-3-R COOPER-GMC-3-R Datasheet
178Kb / 3P
Medium Time Delay, 5 X 20 mm, Glass Tube Fuse
C519-125-R COOPER-C519-125-R Datasheet
293Kb / 2P
5 x 15mm Time-Delay Glass Tube Fuses
logo
Eaton All Rights Reserv...
GDC EATON-GDC Datasheet
521Kb / 3P
5 mm x 20 mm Time-delay glass tube fuses
GMC EATON-GMC Datasheet
431Kb / 2P
5 mm x 20 mm Medium time-delay glass tube fuses
C515 EATON-C515 Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
C519 EATON-C519 Datasheet
315Kb / 2P
5 mm x 15 mm Time-delay glass tube fuses
S500 EATON-S500 Datasheet
252Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S505SC EATON-S505SC Datasheet
1Mb / 6P
5 x 20 mm Time-delay, axial lead ceramic tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com