Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDQ12-1R5-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # SDQ12-1R5-R
Description  Low-profile dual winding shielded drum inductor/transformer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SDQ12-1R5-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  SDQ12-1R5-R Datasheet HTML 1Page - Eaton All Rights Reserved. SDQ12-1R5-R Datasheet HTML 2Page - Eaton All Rights Reserved. SDQ12-1R5-R Datasheet HTML 3Page - Eaton All Rights Reserved. SDQ12-1R5-R Datasheet HTML 4Page - Eaton All Rights Reserved. SDQ12-1R5-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Technical Data 4339
Effective August 2017
www.eaton.com/electronics
SDQ
Low-profile dual winding shielded drum inductor/transformer
Dimensions- mm
Packaging- mm
5.2
Max
Part marking
(Note A)
4
3
5.2
Max
1
Pin #1 identifier
2
HT
1.5 typ ref
3
1
2
4
1.5 Typ.
Ref.
1.02
2.575
5.15
4
1
2.975
2.975
R2.250
5.95
5.950
R2.250
2.975
2.975
5.950
23
4 PAD LAYOUT
2 PAD LAYOUT
2
3
2
SERIES
PARALL EL
3
1
4
1
TRANSFORMER
2
1
4
4
3
Top View
Side View
Bottom View
Recommended Pad Layout
Schematic
SDQ12 = 1.2mm max.
SDQ25 = 2.5mm max.
(2nd digit is a bi-weekly production date code)
(3rd digit is the last digit of the year produced)
Part marking: Line 1 (1st digit inductance value per part marking designator in chart above)
Line 2: xx (indicates the product size code)
Do not route traces or vias underneath the inductor
5.45
Direction of feed
Pin #1 indicator
12.0
+/-0.3
1.75
1.5 Dia.
+0.1/-0.0
1.5 Dia.
min.
8.0
A
A
2.00
SECTION A-A
4.00
2.00
1
2
4
3
5.50
5.45
Supplied in tape-and-reel packaging,3800 parts per reel, 13” diameter reel.
Actual Size
SDQ12
Supplied in tape-and-reel packaging, 2900 parts per reel, 13” diameter reel.
Actual Size
SDQ25
2.00
4.00
Direction of feed
Pin #1 indicator
12.0
+/-0.3
5.50
1.75
1.5 Dia.
+0.1/-0.0
1.5 Dia
min.
8.0
A
2
1
A
SECTION A-A
4
3
5.45
5.45
2.70 mm
SDQ25
SDQ12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com