Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP2 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # TCP2
Description  Telecom circuit protector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TCP2 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  TCP2 Datasheet HTML 1Page - Eaton All Rights Reserved. TCP2 Datasheet HTML 2Page - Eaton All Rights Reserved. TCP2 Datasheet HTML 3Page - Eaton All Rights Reserved. TCP2 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 2609
Effective December 2017
Supersedes January 2007
TCP1.25
Product features
•
The first and most reliable surface mount
telecom circuit protector designed to protect
against power cross faults and comply with
all surge requirements.
•
Allows compliance with telecom regulatory
standards including Bellcore GR 1089, UL
1950/60950, and FCC part 68.
Application circuit testing is recommended.
•
Eliminates the need for a current limiting
resistor.
•
Protects against overcurrent conditions
found in telecom Subscriber Line Interface
Cards (SLICs), xDSL Modem Applications,
Set-Top Boxes, and Consumer Premises
Equipment (CPE).
•
TCP1.25-R tested and confirmed compatible
with STMicroelectronics Trisil™ Transient
Surge Arrestor (listed below)
Environmental data
•
Life Test: MIL-STD-202, Method 108A, Test Condition D
•
Load Humidity: MIL-STD-202, Method 103B
•
Moisture Resistance: MIL-STD-202, Method 106E
•
Thermal Shock: MIL-STD-202, Method 107D, air-to-air
•
Case Resistance: EIA/IS-722
•
Resistance to Dissolution of Metallization: ANSI J-STD-002,
Test D
•
Mechanical Shock: MIL-STD-202, Method 213B, Test
Condition A
•
High Frequency Vibration: MIL-STD-202, Method 204D,
Test Condition D
•
Resistance to Solvents: MIL-STD-202, Method 215A
Agency information
TCP1.25, TCP500 & TCP2
Telecom circuit protector
STMicroelectronics Trisil™ P/N’s
SMP100LC-XXX
SMP100MC-XXX
•
UL Recognition Card: JDYX2/E19180
•
CSA Component Certification Record and Class No.:
053787C000, 1422 30
Ordering code
•
Specify packaging, product and option code (i.e.,
TR2-TCP1-25-R)
Soldering method
• Wave Immersion: 260°C, 10 sec max.
• Infrared: 260°C, 30 sec max.
* If the device does not open at 250% within 120 seconds, increase
current to 300% of amp rating. Device must open in 10 seconds max.
ELECTRICAL CHARACTERISTICS
% of Amp Rating
Opening Time
100%
4 Hours Minimum
250%
1 Second Minimum
250%
4-10 Seconds Typical
250%*
120 Seconds Maximum
300%
10 Seconds Maximum
5.2
3.7
(0.204)
(0.145)
4.0
(0.157)
12.6
(0.496)
Land Pattern
Dimensions mm⁄(inches)


Similar Part No. - TCP2

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP201 TEWS-TCP201 Datasheet
201Kb / 1P
CompactPCI Carrier for 4 IndustryPacks
2017-08-17
TCP201-10R TEWS-TCP201-10R Datasheet
201Kb / 1P
CompactPCI Carrier for 4 IndustryPacks
2017-08-17
logo
List of Unclassifed Man...
TCP2020 ETC2-TCP2020 Datasheet
336Kb / 4P
AC/DC Current Probes
logo
TEKTRONIX, INC.
TCP2020 TEKTRONIX-TCP2020 Datasheet
961Kb / 18P
Mixed Signal Oscilloscopes
logo
List of Unclassifed Man...
TCP202A ETC2-TCP202A Datasheet
336Kb / 4P
AC/DC Current Probes
More results

Similar Description - TCP2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15005E NTE-NTE15005E Datasheet
22Kb / 2P
Integrated Circuit Protector
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
Circuit Protector Elements
UNHZ202 PANASONIC-UNHZ202 Datasheet
65Kb / 3P
Circuit Protector Elements
UNH0006 PANASONIC-UNH0006 Datasheet
51Kb / 2P
Circuit Protector Elements
UNH0127 PANASONIC-UNH0127 Datasheet
35Kb / 2P
Circuit Protector Elements
UNH0003 PANASONIC-UNH0003 Datasheet
46Kb / 2P
Circuit Protector Elements
UNH0104 PANASONIC-UNH0104 Datasheet
38Kb / 2P
Circuit Protector Elements
logo
Bourns Electronic Solut...
4020-01 BOURNS-4020-01 Datasheet
121Kb / 2P
Surge Protector Test Set for Telecom
logo
Cooper Bussmann, Inc.
TCP COOPER-TCP Datasheet
172Kb / 4P
TCP1.25A,Telecom Circuit Protector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com