Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP1.25-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # TCP1.25-R
Description  Telecom circuit protector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TCP1.25-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  TCP1.25-R Datasheet HTML 1Page - Eaton All Rights Reserved. TCP1.25-R Datasheet HTML 2Page - Eaton All Rights Reserved. TCP1.25-R Datasheet HTML 3Page - Eaton All Rights Reserved. TCP1.25-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 2609
Effective December 2017
Supersedes January 2007
TCP1.25
Product features
The first and most reliable surface mount
telecom circuit protector designed to protect
against power cross faults and comply with
all surge requirements.
Allows compliance with telecom regulatory
standards including Bellcore GR 1089, UL
1950/60950, and FCC part 68.
Application circuit testing is recommended.
Eliminates the need for a current limiting
resistor.
Protects against overcurrent conditions
found in telecom Subscriber Line Interface
Cards (SLICs), xDSL Modem Applications,
Set-Top Boxes, and Consumer Premises
Equipment (CPE).
TCP1.25-R tested and confirmed compatible
with STMicroelectronics Trisil™ Transient
Surge Arrestor (listed below)
Environmental data
Life Test: MIL-STD-202, Method 108A, Test Condition D
Load Humidity: MIL-STD-202, Method 103B
Moisture Resistance: MIL-STD-202, Method 106E
Thermal Shock: MIL-STD-202, Method 107D, air-to-air
Case Resistance: EIA/IS-722
Resistance to Dissolution of Metallization: ANSI J-STD-002,
Test D
Mechanical Shock: MIL-STD-202, Method 213B, Test
Condition A
High Frequency Vibration: MIL-STD-202, Method 204D,
Test Condition D
Resistance to Solvents: MIL-STD-202, Method 215A
Agency information
TCP1.25, TCP500 & TCP2
Telecom circuit protector
STMicroelectronics Trisil™ P/N’s
SMP100LC-XXX
SMP100MC-XXX
UL Recognition Card: JDYX2/E19180
CSA Component Certification Record and Class No.:
053787C000, 1422 30
Ordering code
Specify packaging, product and option code (i.e.,
TR2-TCP1-25-R)
Soldering method
• Wave Immersion: 260°C, 10 sec max.
• Infrared: 260°C, 30 sec max.
* If the device does not open at 250% within 120 seconds, increase
current to 300% of amp rating. Device must open in 10 seconds max.
ELECTRICAL CHARACTERISTICS
% of Amp Rating
Opening Time
100%
4 Hours Minimum
250%
1 Second Minimum
250%
4-10 Seconds Typical
250%*
120 Seconds Maximum
300%
10 Seconds Maximum
5.2
3.7
(0.204)
(0.145)
4.0
(0.157)
12.6
(0.496)
Land Pattern
Dimensions mm(inches)


Similar Part No. - TCP1.25-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TCP1.25A COOPER-TCP1.25A Datasheet
172Kb / 4P
TCP1.25A,Telecom Circuit Protector
TCP1.25A COOPER-TCP1.25A Datasheet
172Kb / 4P
TCP1.25A,Telecom Circuit Protector
More results

Similar Description - TCP1.25-R

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15005E NTE-NTE15005E Datasheet
22Kb / 2P
Integrated Circuit Protector
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
Circuit Protector Elements
UNHZ202 PANASONIC-UNHZ202 Datasheet
65Kb / 3P
Circuit Protector Elements
UNH0006 PANASONIC-UNH0006 Datasheet
51Kb / 2P
Circuit Protector Elements
UNH0127 PANASONIC-UNH0127 Datasheet
35Kb / 2P
Circuit Protector Elements
UNH0003 PANASONIC-UNH0003 Datasheet
46Kb / 2P
Circuit Protector Elements
UNH0104 PANASONIC-UNH0104 Datasheet
38Kb / 2P
Circuit Protector Elements
logo
Bourns Electronic Solut...
4020-01 BOURNS-4020-01 Datasheet
121Kb / 2P
Surge Protector Test Set for Telecom
logo
Cooper Bussmann, Inc.
TCP COOPER-TCP Datasheet
172Kb / 4P
TCP1.25A,Telecom Circuit Protector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com