Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP500-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # TCP500-R
Description  Telecom circuit protector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TCP500-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  TCP500-R Datasheet HTML 1Page - Eaton All Rights Reserved. TCP500-R Datasheet HTML 2Page - Eaton All Rights Reserved. TCP500-R Datasheet HTML 3Page - Eaton All Rights Reserved. TCP500-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 2609
Effective December 2017
TCP1.25, TCP500 & TCP2
Telecom circuit protector
www.eaton.com/electronics
ELECTRICAL AND POWER CROSS SPECIFICATIONS
P
art
Voltage
Typical
Maximum
Typical
Number
Rating
Melting
Total
Voltage
AC
Interrupting
Rating*
250VAC
600VAC
DC Cold
Resistance** (ohms)
min.
typ.
max.
I2t†
Clearing
Drop‡
Alpha Code
Marking
1st Code 2nd Code
TCP1.25
-R
250 V
50 A
60 A
0.110
0.090
0.070
22.2 A2s
100 A2s
150mV
J
R***
* AC Interrupting Rating (Measured at designated voltage, 100% power factor)
** DC Cold Resistance (Measured at 10% of rated current)
*** On RoHS Compliant Version (-R option)
† Typical Melting I2t (Measured with a battery bank at 60V DC, 10x-rated current, time constant of calibrated circuit less than 50 microseconds)
‡ Typical Voltage Drop (Measured at rated current after temperature stabilizes)
LIGHTNING SURGE SPECIFICATIONS
Surge Specification
Surge
Repetitions
Waveform
Current (A)
Voltage (V)
Performance
(µSec.)
Requirement
FCC 47 Part 68
Longitudinal Type A
2
10x160
100 per fuse
1500
Fuse cannot open
FCC 47 Part 68
Metallic Type B
2
10x560
100
800
Fuse cannot open
Bellcore GR-1089-CORE
First Level Lightning
50
10x1000
100
1000
Fuse cannot open
Bellcore GR-1089-CORE
First Level Lightning
50
2x10
500
2500
Fuse cannot open
Surge out
1
10x160
160
N/A
Fuse cannot open
Surge out
1
10x560
115
N/A
Fuse cannot open
Special Investigation
The TCP1.25
-R is designed to provide overcurrent protection for telecom SLIC, xDSL modem, and set-top box applications regardless of
the overvoltage device selected. To provide an easier specification experience, Cooper Bussmann and STMicroelectronics have joined
together to provide a special test report confirming the coordination between the TCP1.25A and SMP100MC-270 devices.
TEST CIRCUITS
* Note: or other STMicroelectronics Trisil™ part number listed in table on page 1
L1
L2
Fuse TCP 1.25
-R
T
1
T2
SMP100MC-270*
Tip L
Gnd
Fuse TCP 1.25
-R
Tip S
SMP100MC-270*
Gnd
SMP100MC-270*
Ring S
Ring L
Fuse TCP 1.25
-R
Test Circuit 1
Test Circuit 2
TEST PROGRAM
Test
Standard
Results
Lightning SurgeTests
10/1000 µs + and –1kV 100A (25 pulses of each polarity)
Bellcore GR-1089
Passed
2/10µs + and –2.5 and 5kV 500A (10 pulses of each polarity)
Bellcore GR-1089
Passed
10/560µs + and –800V 100A (1 pulse of each polarity)
FCC Part 68
Passed
10/160µs + and –1.5kV 200A (1 pulse of each polarity)
FCC Part 68
Passed
10/700µs + and –1.5kV 37.5A (5 pulses of each polarity)
K20
Passed
Electrical and Power CrossTests
600V 3A 1.1s (rst le vel)
Bellcore GR-1089
Passed
277V 25A (second level)
Bellcore GR-1089
Passed
600V 60A 5s(second level)
Bellcore GR-1089
Passed
600V 40A 1.5s
UL 60950
Passed
600V 2.2A 30min
UL 60950
Passed
600V 1A 0.2s (A criteria)
K20
Passed
230V 1.44A/0.77A/0.38A 15min (A cr
iteria)
K20
Passed
230V 23A 15min (A cr iteria)
K20
Passed
For additional information on STMicroelectronic’s Trisil™ Product line, please see www.st.com/protection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com