Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC10-500-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # TDC10-500-R
Description  (TDC10) fast-acting (TDC11) time delay glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TDC10-500-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  TDC10-500-R Datasheet HTML 1Page - Eaton All Rights Reserved. TDC10-500-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 2602 BU-SB13328
June 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
TDC10 and TDC11
1/4" x 1 1/4" (TDC10) fast-acting (TDC11) time delay glass tube fuses
Technical Data 2602
Effective June 2017
TIME -D ELAY TDC11 S PECIFICATIONS
Part
Voltage Rating
Interrupting Rating (amps @ rated voltage) *
Number
Amps
(Vac)
1000V
750V
500V
350V
250V
150V
100V
TDC11-50-R
50mA
1000
500mA
—
—
—
—
—
—
TDC11-60-R
60mA
1000
600mA
—
—
—
—
—
—
TDC11-100-R
100mA
1000
1
—
—
—
—
—
—
TDC11-150-R
150mA
1000
1.5
—
—
—
—
—
—
TDC11-250-R
250mA
1000
2.5
—
—
—
—
—
—
TDC11-500-R
500mA
750
—
5
—
—
—
—
—
TDC11-750-R
750mA
500
—
—
7.5
—
—
—
—
TDC11-1-R
1
350
—
—
—
10
—
—
—
TDC11-1.5-R
1.5
250
—
—
—
—
15
—
—
TDC11-2-R
2
250
—
—
—
—
20
—
—
TDC11-3-R
3
250
—
—
—
—
30
—
—
TDC11-5-R
5
250
—
—
—
—
50
—
—
TDC11-7-R
7
150
—
—
—
—
—
70
—
TDC11-10-R
10
100
—
—
—
—
—
—
100
* Interrupting Rating: Interrupting rating is 10 times the rated current.
** DC Cold Resistance (Measured at <10% of rated current)
Time-Current Curves
TDC10 Series
TDC11 Series
100
100
10
10
1
1
.1
.1
.01
.01
Time Rated Current
Time Rated Current



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com