Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1B-6R8-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # UP1B-6R8-R
Description  UNI-PAC??drum core power inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

UP1B-6R8-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  UP1B-6R8-R Datasheet HTML 1Page - Eaton All Rights Reserved. UP1B-6R8-R Datasheet HTML 2Page - Eaton All Rights Reserved. UP1B-6R8-R Datasheet HTML 3Page - Eaton All Rights Reserved. UP1B-6R8-R Datasheet HTML 4Page - Eaton All Rights Reserved. UP1B-6R8-R Datasheet HTML 5Page - Eaton All Rights Reserved. UP1B-6R8-R Datasheet HTML 6Page - Eaton All Rights Reserved. UP1B-6R8-R Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data DS4308
Effective August 2017
Supersedes March 2007
UP
UNI-PAC™ drum core power inductors
Product features
•
Maximum power density
•
Ideal for applications requiring low inductance
and high current in a miniature package
•
Current range from 0.47 A to 19.2 A
•
Inductance range from 0.470 uH to 1000 uH
•
Protective case eliminates core breakage
•
Meets UL 94V-0 flammability standard
•
Ferrite core material
Applications
•
Buck or boost inductor
•
Workstations/servers
•
Desktop computer
•
DVD Players
•
Portable power devices
•
Base stations
•
Industrial power supplies
•
Output filter chokes
•
Test equipment instrumentation
Environmental Data
•
Storage temperature range (Component):
-40 °C to +125 °C
•
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant


Similar Part No. - UP1B-6R8-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
UP1B-6R8-R COOPER-UP1B-6R8-R Datasheet
889Kb / 7P
Miniature surface mount design
More results

Similar Description - UP1B-6R8-R

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8400-XXX FILTRAN-8400-XXX Datasheet
70Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8403-XXX FILTRAN-8403-XXX Datasheet
193Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8404-XXX FILTRAN-8404-XXX Datasheet
193Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8405-XXX FILTRAN-8405-XXX Datasheet
194Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
logo
Abracon Corporation
AIRD-03 ABRACON-AIRD-03 Datasheet
104Kb / 1P
THRU-HOLE DRUM CORE POWER INDUCTORS
logo
Pulse A Technitrol Comp...
PG0063 PULSE-PG0063 Datasheet
78Kb / 2P
SMT POWER INDUCTORS UNSHIELDED DRUM CORE
logo
Abracon Corporation
AIRD01 ABRACON-AIRD01 Datasheet
1Mb / 2P
THRU-HOLE DRUM CORE POWER INDUCTORS
10.26.12
logo
Eaton All Rights Reserv...
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
Shielded metalized drum core power inductors
UP2C EATON-UP2C Datasheet
346Kb / 4P
UNI-PAC??drum core power inductors
UP2UC EATON-UP2UC Datasheet
617Kb / 4P
UNI-PAC??drum core power inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com