Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC10-20-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # TDC10-20-R
Description  (TDC10) fast-acting (TDC11) time delay glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TDC10-20-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  TDC10-20-R Datasheet HTML 1Page - Eaton All Rights Reserved. TDC10-20-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2602
Effective June 2017
Supersedes March 2013
Product features
TDC10 and TDC11
1/4" x 1 1/4" (TDC10) fast-acting (TDC11) time delay
glass tube fuses
•
TDC10 fast-acting
•
TDC11 time-delay
•
Lead free and RoHS compliant
•
1⁄4" x 1 1⁄4" physical size
•
Glass tube, electroplated brass endcap
construction
•
Interrupting rating equals 10 times rated current
•
TDC10 Series designed to British Standard
BS2950A
Pb
•
Specify part number and product code prefix,
•
e.g.: BK/TDC10-20-R
Ordering information
31.8
6.35
Dimensions-mm
DrawingNottoScale
FAST -A CTING TDC10 SPECIFICATIONS
Part
Voltage Rating
Interrupting Rating (amps @ rated voltage) *
Number
Amps
(Vac)
1000V
750V
500V
350V
250V
150V
100V
32V
TDC10-50-R
50mA
1000
500mA
—
—
—
—
—
—
—
TDC10-60-R
60mA
1000
600mA
—
—
—
—
—
—
—
TDC10-100-R
100mA
1000
1
—
—
—
—
—
—
—
TDC10-150-R
150mA
1000
1.5
—
—
—
—
—
—
—
TDC10-250-R
250mA
1000
2.5
—
—
—
—
—
—
—
TDC10-500-R
500mA
750
—
5
—
—
—
—
—
—
TDC10-750-R
750mA
500
—
—
7.5
—
—
—
—
—
TDC10-1-R
1
350
—
—
—
10
—
—
—
—
TDC10-1.5-R
1.5
250
—
—
—
—
15
—
—
—
TDC10-2-R
2
250
—
—
—
—
20
—
—
—
TDC10-3-R
3
250
—
—
—
—
30
—
—
—
TDC10-5-R
5
250
—
—
—
—
50
—
—
—
TDC10-7-R
7
150
—
—
—
—
—
70
—
—
TDC10-10-R
10
100
—
—
—
—
—
—
100
—
TDC10-12-R
12
32
—
—
—
—
—
—
—
120
TDC10-15-R
15
32
—
—
—
—
—
—
—
150
TDC10-20-R
20
32
—
—
—
—
—
—
—
200
TDC10-25-R
25
32
—
—
—
—
—
—
—
250
* Interrupting Rating: Interrupting rating is 10 times the rated current.
** DC Cold Resistance (Measured at <10% of rated current)
Packaging Code
Packaging
x
Description
BK
100 fuses packed into a cardboard carton
BK1
1000 fuses packed into a cardboard carton


Similar Part No. - TDC10-20-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TDC10-20A COOPER-TDC10-20A Datasheet
69Kb / 2P
TDC Series, Glass Tube
More results

Similar Description - TDC10-20-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AGW-212 COOPER-AGW-212 Datasheet
241Kb / 2P
Fast-Acting 1??? x 7??? Glass Tube Fuses
GMC-600-R COOPER-GMC-600-R Datasheet
275Kb / 2P
5 x 20mm Medium Time-Delay Glass Tube Fuses
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
Time-Delay, Glass Tube Fuses
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
GMA-1A COOPER-GMA-1A Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
C518-100-R COOPER-C518-100-R Datasheet
234Kb / 2P
5 x 15mm Fast-Acting Glass Tube Fuses
C519-125-R COOPER-C519-125-R Datasheet
293Kb / 2P
5 x 15mm Time-Delay Glass Tube Fuses
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
Time-delay ceramic tube fuses
AGA EATON-AGA Datasheet
517Kb / 2P
1/4x5/8 Fast-acting glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com