Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPH1-1400-R Datasheet(PDF) 8 Page - Eaton All Rights Reserved.

Part # VPH1-1400-R
Description  VERSA-PAC짰 Inductors and Transformers (Surface Mount)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

VPH1-1400-R Datasheet(HTML) 8 Page - Eaton All Rights Reserved.

  VPH1-1400-R Datasheet HTML 1Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 2Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 3Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 4Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 5Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 6Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 7Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 8Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
VP
VERSA-PAC® Inductors and Transformers (Surface Mount)
5V to 3.3V Buck Converter With 5V Output
This circuit minimizes both board space and cost by eliminating a
second regulator.
VERSA-PAC’s gap serves to prevent core
saturation during the switch on-time and also stores energy for the
+5V load which is delivered during the flyback interval. The +3.3V
buck winding is configured by placing two windings in series while
the +5V is generated by an additional flyback winding stacked on
the 3.3V output. Extra windings are paralleled with primary
windings to handle more current. The turns ratio of 2:1 adds 1.67V
to the +3.3V during the flyback interval to achieve +5V.
+3.3V@
12.5A
+V
RTN
VERSA-PAC
VP5-0083
12
11
10
9
8
7
1
2
3
4
5
6
Synchronous
Controller
IC
+
V
+
+5V@
1A
+3.3V@
4.2A
+
RTN
VERSA-PAC
VP5-0083
LEVEL SHIFT
12,11
1,2
7
6
10,9,8
3,4,5
Synchronous
Controller
IC
+
3.3V Buck Converter
This circuit utilizes the gap of the VP5-0083 to handle the 12.5
Amp output current without saturating. In each of the five
VERSA-
PAC sizes, the gap is varied to achieve a selection of specific
inductance and current values (see
VERSA-PAC Data Table).
All six windings are connected in parallel to minimize AC/DC
copper losses and to maximize heat dissipation. With
VERSA-
PAC, this circuit works well at or above 300 KHz. Also, the closed
flux-path EFD geometry enables much lower radiation
characteristics than open-path bobbin core style components.
LITHIUM-ION BATTERY TO 3.3V SEPIC CONVERTER
The voltage of a Lithium-Ion Battery varies above and below
+3.3V depending on the degree of charge. The SEPIC
configuration takes advantage of
VERSA-PAC’s multiple tightly
coupled windings. This results in lower ripple current which lowers
noise and core losses substantially. The circuit does not require a
snubber to control the voltage “spike” associated with switch turn-
off, and is quite efficient due to lower RMS current in the windings.
+3.3V@
6A
VERSA-PAC
VP5-0083
12 11 10
12 3
987
45
+
+
+
6
Controller
IC
W/Integral
Switch
100
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
200
300
400
500
VP 5
VP 4
VP 3
VP 2
VP 1
Frequency, kHz
100
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
200
300
400
500
VP 5
VP 4
VP 3
VP 2
Bipolar (Push-Pull) Power vs Frequency
Frequency, kHz
Unipolar (Flyback) Power vs Frequency
Technical Data 4301
Effective August 2017
VERSA-PAC® Performance characteristics
VP 1
OCL vs. Isat
100.0%
90.0%
80.0%
70.0%
60.0%
50.0%
40.0%
30.0%
20.0%
10.0%
0.0%
0.0%
20.0%
40.0%
60.0%
80.0%
100.0%
120.0%
140.0%
160.0%
180.0%
200.0%
% of Isat
These curves represent typical power handling capability.
Indicated power levels may not be achievable with all configurations.
Inductance characteristics
www.eaton.com/electronics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com