Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP1-1400-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # VP1-1400-R
Description  VERSA-PAC짰 Inductors and Transformers (Surface Mount)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

VP1-1400-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  VP1-1400-R Datasheet HTML 1Page - Eaton All Rights Reserved. VP1-1400-R Datasheet HTML 2Page - Eaton All Rights Reserved. VP1-1400-R Datasheet HTML 3Page - Eaton All Rights Reserved. VP1-1400-R Datasheet HTML 4Page - Eaton All Rights Reserved. VP1-1400-R Datasheet HTML 5Page - Eaton All Rights Reserved. VP1-1400-R Datasheet HTML 6Page - Eaton All Rights Reserved. VP1-1400-R Datasheet HTML 7Page - Eaton All Rights Reserved. VP1-1400-R Datasheet HTML 8Page - Eaton All Rights Reserved. VP1-1400-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Dimensions- mm
Technical Data 4301
Effective August 2017
VP
VERSA-PAC® Inductors and Transformers (Surface Mount)
VP2 and VPH2
TOP VIEW
WHITE DOT
PIN #1
D
(12 PLCS)
LOGO (OPTIONAL)
B
C
A
12
7
6
1
FRONT VIEW
I
(12 PLCS)
H
G
(2 PLCS)
WWLLYY R
E
F
RECOMMENDED PCB LAYOUT
J
N
M
COMPONENT
SIDE
1
12
6
7
L
(12PLCS)
K
(12PLCS)
0
(10PLCS)
P
(10PLCS)
4
1
5
2
6
8
12
7
11
10
9
3
1:1:1:1:1:1
A
B
C
D
E
F
G
H
IJ
K
L
M
N
O
P
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
max
ref
max
ref
ref
max
ref
ref
ref
ref
ref
max
VP2 and VPH2
16.3
12.0
16.8
0.7
6.7
7.8
2.0
0.1
0.30
14.25
1.75
2.5
13.0
18.0
2.5
0.75
VP3 and VPH3
A
B
D
C
E
F
G
H
I
J
K
L
M
N
O
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
max
ref
max
ref
max
ref
ref
ref
ref
ref
max
VP3 and VPH3 17.1
16.0
22.3
0.7
8.4
3.0
0.1
0.4
14.49
1.79
3.43 16.88 23.74
2.54
0.75
TOP VIEW
D
(12 PLCS)
1
6
12
7
LOGO
(OPTIONAL)
VPH_-____
B
C
A
WHITE DOT
PIN #1
FRONT VIEW
H
(12 PLCS)
G
(12 PLCS)
F (2 PLCS)
E
1
12
2
11
3
1:1:1:1:1:1
4
9
5
8
6
J
(12PLCS)
COMPONENT
SIDE
K (12PLCS)
O
(10PLCS)
N
(10PLCS)
M
L
1
12
6
7
I
www.eaton.com/electronics
NOTES:
1)Tolerances A - I are ± 0.25 mm unless specified
otherwise.
2)Tolerances J - P are +/- 0.1 mm unless specified
otherwise.
3)Marking:
a)Dot for pin #1 identification
b) VP(H)x-xxx (product code, size, 4 digit part
number per family table.)
c) Versa Pac Logo (optional)
d) wwllyy = (date code) R = (revision level)
4)All soldering surfaces must be coplanar within
0.102 mm.
5)Packaged in tape and reel 300 parts per reel
1
0
7
NOTES:
1) Tolerances A - I are ± 0.25 mm unless specified
otherwise.
2) Tolerances J - P are +/- 0.1 mm unless specified
otherwise.
3) Marking:
a) Dot for pin #1 identification
b) VP(H)x-xxx (product code, size, 4 digit part
number per family table.)
c) Versa Pac Logo (optional)
d) wwllyy = (date code) R = (revision level)
4) All soldering surfaces must be coplanar within
0.102 mm.
5) Packaged in tape and reel 200 parts per reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com