Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6801 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6801
Description  Microprocessor Reset Circuits With Adjustable Delay Time
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6801 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6801 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FP6801-1.7-DEC-2012
FP6801
85T
fitipower integrated technology lnc.
Microprocessor Reset Circuits
With Adjustable Delay Time
Pin Assignments
S5 Package (SOT-23-5)
2
1
3
4
5
OUT VDD
CD
NC
GND
C8 Package (SC-82)
1
2
4
3
GND
OUT
VDD
CD
Figure 1. Pin Assignment of FP6801
Ordering Information
Description
The FP6801 asserts a reset signal whenever the VDD
supply voltage declines below a preset threshold.
The reset threshold voltage is fixed internally with an
accuracy of ±2.0%.
A time delayed reset can be
accomplished with the addition of an external
capacitor.
The output reset signal is set to be active low.
That
means when the power supply voltage is lower than
reset threshold, the OUT pin will turn low.
FP6801 has two different output forms, CMOS
output and N-channel open-drain output.
It is
available in space-saving SOT-23-5 and SC-82
packages.
Features
Precision Monitoring of 2.5V, 3.0V, 3.3V and 5.0V
Power Supply Voltages
Ultra-Low Supply Current at 2.5µA Typ.
Operating Voltage Range from 1V to 5.5V
±2.0% Reset Threshold Accuracy
Reset Threshold Hysteresis: 5% Typ.
Active Low Output
Adjustable Delay Time
Small Package: SOT-23-5 and SC-82
RoHS Compliant
Applications
TFT-LCD Panel
Battery Powered Equipment
Microprocessor Power Supply Monitoring
Embedded System
Automotive
TR: Tape/Reel
P: Green
G: Green
FP6801-
□□□□□
Package Type
S5: SOT-23-5
C8: SC-82
Reset Voltage
21: 2.1V
25: 2.5V
29: 2.9V
22: 2.2V
26: 2.6V
31: 3.1V
24: 2.4V
27: 2.7V
Output Type
C: Push-Pull
N: Open-Drain


Similar Part No. - FP6801

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6802 FITIPOWER-FP6802 Datasheet
350Kb / 6P
High-Precision Voltage Detector with Ultra-Low Quiescent Current
FP6802-22NC8G FITIPOWER-FP6802-22NC8G Datasheet
350Kb / 6P
High-Precision Voltage Detector with Ultra-Low Quiescent Current
FP6802-27CC8G FITIPOWER-FP6802-27CC8G Datasheet
350Kb / 6P
High-Precision Voltage Detector with Ultra-Low Quiescent Current
FP6802-27CS3G FITIPOWER-FP6802-27CS3G Datasheet
350Kb / 6P
High-Precision Voltage Detector with Ultra-Low Quiescent Current
FP6802-27NS3G FITIPOWER-FP6802-27NS3G Datasheet
350Kb / 6P
High-Precision Voltage Detector with Ultra-Low Quiescent Current
More results

Similar Description - FP6801

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
logo
EM Microelectronic - MA...
EM6354 EMMICRO-EM6354 Datasheet
400Kb / 7P
Reset Circuit with Adjustable Delay
logo
NXP Semiconductors
NE56632-XX PHILIPS-NE56632-XX Datasheet
141Kb / 16P
Active-LOW system reset with adjustable delay time
2002 Mar 25
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
Reset Timer with Delay Time
logo
Maxim Integrated Produc...
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
Reset Timer with Delay Time
logo
Fitipower Integrated Te...
FP6808 FITIPOWER-FP6808 Datasheet
401Kb / 8P
Microprocessor Reset Circuits with Short Delay Time
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com