Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6795MPPTR Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP6795MPPTR
Description  Low-Noise Boost DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6795MPPTR Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP6795MPPTR Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6795MPPTR Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6795MPPTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6795MPPTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6795MPPTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6795MPPTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6795MPPTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6795MPPTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6795MPPTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FP6795-1.5-FEB-2012
4
FP6795
09A
85T
fitipower integrated technology lnc.
Electrical Characteristics
(VIN=3V, SHDN=3V, FREQ=GND, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
INPUT
Operation Voltage Range
VIN
2.6
5.5
V
VIN Under Voltage Lockout
UVLO
VIN rising,
typical hysteresis is 100mV
2.25
2.38
2.52
V
Quiescent Current
IIN
VFB=1.3V, not switching
160
350
µA
VFB=1V, switching
0.8
5
mA
Shutdown Current
ISD
SHDN=0V
0.1
10
µA
ERROR AMPLIFIER
Feedback Voltage
VFB
1.227
1.24
1.253
V
FB Input Bias Current
IFB
VFB=1.24V
0
150
nA
Feedback Voltage Line Regulation
2.6V< VIN <5.5V
0.08
0.3
%/V
Transconductance (Note2)
gm
∆I =5µA
70
170
240
µS
Voltage Gain (Note2)
AV
700
V/V
OSCILLATOR
Frequency
FOSC
FREQ=GND
540
640
740
kHz
FREQ=VIN
1000
1200
1500
kHz
Maximum Duty Cycle
TDUTY
FREQ=GND
90
%
FREQ=VIN
90
%
N-CHANNEL SWITCH
Current Limit (Note2)
ILIM
1.5
2
2.5
A
On-Resistance (Note2)
RON
ILX= 200mA
0.16
0.35
Ω
Leakage Current
ILXOFF
VLX=16V
0.01
30
µA
SOFT-START
Reset Switching Resistance
100
Ω
Charge Current
ISS
VSS=1.2V
1.5
4
7
µA
CONTROL INPUTS
Input High Level
VIH
SHDN, FREQ
0.7*VIN
V
Input Low Level
VIL
SHDN, FREQ
0.3*VIN
V
Hysteresis
SHDN, FREQ
0.1*VIN
V
Frequency Pull-down Current
IFREQ
1.8
5
9
µA
SHDN Input Current
I
SHDN
0.001
1
µA
PROTECTION
Thermal Shutdown Temperature
(Note2)
TSD
160
°C
 TSD
Hysteresis
25
°C
Note 2:Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com