Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6809-26CS3P Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FP6809-26CS3P
Description  3-Pin Microprocessor Reset Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6809-26CS3P Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FP6809-26CS3P Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6809-26CS3P Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6809-26CS3P Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6809-26CS3P Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6809-26CS3P Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6809-26CS3P Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6809-26CS3P Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6809-26CS3P Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6809-26CS3P Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FP6809/6810-1.6-JUL-2014
FP6809/6810
fitipower integrated technology lnc.
Typical Performance Curves
Figure 4. Normalized Reset Threshold vs. Temperature
Figure 5. Power-up Timeout vs. Temperature
Figure 6. Power-Up
Timeout Waveforms;
CH1:VCC CH2:
Figure 7. Power-Down
Delay Waveforms;
CH1:VCC CH2:
Figure 8. Supply Current vs. Temperature
Figure 9. Output Sinking Capability
-40
-20
0
20
40
60
80
100
0.995
0.996
0.997
0.998
0.999
1.000
1.001
1.002
1.003
1.004
1.005
Temperature (
oC)
-40
-20
0
20
40
60
80
150
200
250
300
350
400
450
500
550
Temperature(
oC)
-40
-20
0
20
40
60
80
0
1
2
3
4
5
Temperatrue(
oC)
FP6809_26,Vcc=3.3V
FP6809_31, Vcc=3.3V
FP6809_46, Vcc=5V
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
VDS(v)
FP6809_26
FP6809_31
FP6809_46



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com