Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6809-40CS3G Datasheet(PDF) 2 Page - Fitipower Integrated Technology Inc.

Part # FP6809-40CS3G
Description  3-Pin Microprocessor Reset Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6809-40CS3G Datasheet(HTML) 2 Page - Fitipower Integrated Technology Inc.

  FP6809-40CS3G Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FP6809/6810-1.6-JUL-2014
FP6809/6810
fitipower integrated technology lnc.
SOT-23-3 Marking (FP6809)
Part Number
Product
Code
Part Number
Product
Code
FP6809-23NS3P
Cv
FP6809-23CS3P
CD
FP6809-23NS3G
Cv=
FP6809-23CS3G
CD=
FP6809-26NS3P
Cw
FP6809-26CS3P
CE
FP6809-26NS3G
Cw=
FP6809-26CS3G
CE=
FP6809-29NS3P
Cx
FP6809-29CS3P
CF
FP6809-29NS3G
Cx=
FP6809-29CS3G
CF=
FP6809-31NS3P
Cz
FP6809-31CS3P
CG
FP6809-31NS3G
Cz=
FP6809-31CS3G
CG=
FP6809-40NS3P
CA
FP6809-40CS3P
CH
FP6809-40NS3G
CA=
FP6809-40CS3G
CH=
FP6809-44NS3P
CB
FP6809-44CS3P
CJ
FP6809-44NS3G
CB=
FP6809-44CS3G
CJ=
FP6809-46NS3P
CC
FP6809-46CS3P
CK
FP6809-46NS3G
CC=
FP6809-46CS3G
CK=
SOT-23-3 Marking (FP6810)
Part Number
Product
Code
Part Number
Product
Code
FP6810-23CS3P
CL
FP6810-31CS3G
CP=
FP6810-23CS3G
CL=
FP6810-40CS3P
CR
FP6810-26CS3P
CM
FP6810-40CS3G
CR=
FP6810-26CS3G
CM=
FP6810-44CS3P
CS
FP6810-29CS3P
CN
FP6810-44CS3G
CS=
FP6810-29CS3G
CN=
FP6810-46CS3P
CT
FP6810-31CS3P
CP
FP6810-46CS3G
CT=
Typical Application Circuit
FP6809
(FP6810)
µP
RESET
(RESET)
VCC
GND
RESET
INPUT
GND
VCC
VCC
*RPULL-UP
*For FP6809-N only
Figure 2. Typical Application Circuit of FP6809/FP6810
Functional Pin Description
Pin Name
Pin Function
GND
Ground
(FP6809)
Output remains low while VCC is below the reset threshold, and for at least 140ms after VCC rises above
the reset threshold.
RESET (FP6810)
RESET Output remains high while VCC is below the reset threshold, and for at least 140ms after VCC rises above
the reset threshold.
VCC
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com