Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN336P Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDN336P
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDN336P Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FDN336P Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDN336P Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDN336P Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDN336P Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel Enhancement MOSFET
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250
A, VGS=0V
-20
V
VDS=-20V, VGS=0V
-1
VDS=-20V, VGS=0V, TJ=55
-10
Gate-Body leakage current
IGSS
VDS=0V, VGS=
±8V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250
A
-0.45
-1
V
VGS=-4.5V, ID=-2.8A
105
130
VGS=-2.5V, ID=-2.0A
145
190
VGS=-4.5V, VDS
-5V
-6
VGS=-2.5V, VDS
-5V
-3
Forward Transconductance *1
gFS
VDS=-5V, ID=-2.8A
6.5
S
Input Capacitance
Ciss
415
Output Capacitance
Coss
223
Reverse Transfer Capacitance
Crss
87
Total Gate Charge
Qg
5.8
10
Gate Source Charge
Qgs
0.85
Gate Drain Charge
Qgd
1.7
Turn-On DelayTime
td(on)
13
25
Turn-On Rise Time
tr
VGEN=-4.5V, VDS=-6V, RL=6
,RG=6
36
60
Turn-Off DelayTime
td(off)
ID=1.0A *3
42
70
Turn-Off Fall Time
tf
34
60
Continuous Source Current (Diode Conduction
Is
-1.6
A
Diode Forward Voltage
VSD
IS=-1.6A,VGS=0V
-0.8
-1.2
V
VGS=0V, VDS=-6V, f=1MHz *2
VGS=-4.5V, VDS=-6V, ID=-2.8A *2
On state drain current *1
ID(ON)
pF
nC
ns
Zero Gate Voltage Drain Current
IDSS
A
m
RDS(On)
Static Drain-Source On-Resistance *1
A
*1 Pulse test: PW
300us duty cycle
2%.
*2 For DESIGN AID ONLY, not subject to production testing.
*3 Switching time is essentially independent of operating temperature.
Marking
Marking
A1*
FDN336P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com