Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FML9 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FML9
Description  General purpose transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FML9 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  FML9 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FML9 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FML9 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FML9 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
IC
SMD Type
Transistors
FML9
www.kexin.com.cn
4
Di2
0.1m
1m
10m
100m
1
10
FORWARD VOLTAGE : VF (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
Fig.9 Forward characteristics
Ta
=125
°C
0.1
µ
1
µ
10
µ
100
µ
1m
10m
100m
1000m
REVERSE VOLTAGE : VR (V)
010
20
30
40
50
60
70
Fig.10 Reverse characteristics
Ta
=25°C
Ta
=−25°C
Ta
=125°C
■ Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com