Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3315 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3315
Description  ROADBAND HIGH LINEARITY AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3315 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3315 Datasheet HTML 1Page - RF Micro Devices RF3315 Datasheet HTML 2Page - RF Micro Devices RF3315 Datasheet HTML 3Page - RF Micro Devices RF3315 Datasheet HTML 4Page - RF Micro Devices RF3315 Datasheet HTML 5Page - RF Micro Devices RF3315 Datasheet HTML 6Page - RF Micro Devices RF3315 Datasheet HTML 7Page - RF Micro Devices RF3315 Datasheet HTML 8Page - RF Micro Devices RF3315 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
4-558
RF3315
Rev A9 050310
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Power
+20
dBm
Device Voltage
-0.5 to +6.0
V
Device Current
250
mA
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
AC Specifications (2GHz)
VCC=5V, RFIN=-10dBm, Freq=2.0GHz,
with 2GHz application schematic.
Frequency
300
3000
MHz
Gain (Small Signal)
11.0
12.5
dB
F=2GHz
Input Return Loss
15
dB
F=2GHz
Output Return Loss
15
dB
F=2GHz
Output IP3
+36
+40.0
dBm
F1= 1.99GHz, F2=2.00GHz, PIN=-5dBm
Output P1dB
+21
+23.0
dBm
Noise Figure
3.0
4.0
dB
AC Specifications
(900MHz)
VCC=5V, RFIN=-10dBm, Freq=900MHz,
with 900MHz application schematic.
Frequency
300
3000
MHz
Gain (Small Signal)
16
18
dB
Input Return Loss
20
dB
Output Return Loss
20
dB
Output IP3
+36
+41
dBm
F1= 900MHz, F2=901MHz, PIN=-10dBm
Output P1dB
+23
+25
dBm
Noise Figure
2.5
3.5
dB
Thermal
ICC=150mA, PDISS=770mW. (See Note.)
ThetaJC
88
°C/W
Maximum Measured Junction
Temperature at DC Bias Con-
ditions
154
°C
TCASE=+85°C
Mean Time To Failure
370
years
TCASE=+85°C
DC Specifications
Device Voltage
4.5
5.0
5.5
V
ICC=150mA
Operating Current Range
100
150
170
mA
VCC=5V
Note: The RF3315 must be operated at or below 170mA to ensure the highest possible reliability and electrical performance.
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com