Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5189 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5189
Description  3V, 2.45GHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5189 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5189 Datasheet HTML 1Page - RF Micro Devices RF5189 Datasheet HTML 2Page - RF Micro Devices RF5189 Datasheet HTML 3Page - RF Micro Devices RF5189 Datasheet HTML 4Page - RF Micro Devices RF5189 Datasheet HTML 5Page - RF Micro Devices RF5189 Datasheet HTML 6Page - RF Micro Devices RF5189 Datasheet HTML 7Page - RF Micro Devices RF5189 Datasheet HTML 8Page - RF Micro Devices RF5189 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2-656
RF5189
Rev A5 040106
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
VDC
Power Control Voltage (VREG)
-0.5 to 3.5
V
DC Supply Current
600
mA
Input RF Power
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture sensitivity
JEDEC Level 2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall-11b Signal
T=25°C, VCC=3.0V, VREG=2.7V,
Freq=2450MHz
Frequency Range
2400 to 2500
MHz
Maximum Linear Output Power
With 802.11B modulation (11Mbit/s) and
meeting 802.11B spectral mask.
VCC=3.0V
21
22
dBm
VCC=5.0V
24
dBm
Linear Efficiency
24
%
Small Signal Gain
23
25
27
dB
PIN=-7dBm
Second Harmonic
-35
dBc
802.11B Adjacent Channel
Power
-38
-32
dBc
POUT=21dBm, VCC=3.0V
Alternate Channel Power
-56
-52
dBc
POUT=21dBm, VCC=3.0V
Isolation
30
dB
In “OFF” state, PIN=-5.0dBm
Input Return Loss
9.5
15.0
dB
50
Ω reference
Output VSWR
2:1
1.5:1
50
Ω reference
Power Detect Voltage
1.7
2.1
2.4
V
P0=21dBm
Power Down
VREG “ON”
2.1
2.7
3.0
V
Voltage supplied to control input;
device is “ON”
VREG “OFF”
0
0.5
V
Voltage supplied to control input;
device is “OFF”
Power Supply
Operating Voltage
3.0 to 5.0
V
Current Consumption
10
µAV
REG =0 V
100
160
mA
No RF input, VCC=3.0V, and VREG=2.7V
220
270
mA
POUT=21dBm, VCC=3.0V, and VREG=2.7V
VREG Current (Total)
5
10
mA
VCC=3.0V
10
15
mA
VCC=5.0V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).
Refer to “Handling of PSOP and PSSOP Products”
on page 16-15 for special handling information.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com