Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAM85P30D Datasheet(PDF) 2 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # DAM85P30D
Description  P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

DAM85P30D Datasheet(HTML) 2 Page - DACO SEMICONDUCTOR CO.,LTD.

  DAM85P30D Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. DAM85P30D Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD. DAM85P30D Datasheet HTML 3Page - DACO SEMICONDUCTOR CO.,LTD. DAM85P30D Datasheet HTML 4Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @ TJ =25°C (unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
OFF Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V IDS=-250uA
-30
-
-
V
Zero Gate Voltage Drain Current
IDSS
VGS=0V VDS=-30V
-
-
-1
uA
Gate-Body Leakage
IGSS
VGS=±20V VDS=0V
-
-
±100
nA
ON Characteristics
Gate Threshold Voltage
VTH
VDS=VGS IDS=-250uA
-1.2
-1.6
-2.2
V
Static Drain-Source On-Resistance
RDS(on)
VGS=-10V IDS=-30A
-
3.5
4.5
mΩ
Dynamic Characteristics
Input Capacitance
Ciss
VDS=-25V
VGS=0V
Freq.=1MHz
-
6220
9000
pF
Output Capacitance
Coss
-
782
1100
Reverse Transfer Capacitance
Crss
-
412
600
Switching Characteristics
Turn-On Delay Time
Td(on)
VDD=-15V
VGS=-10V
RG =6Ω
IDS=-1A
-
28
56
ns
Rise Time
Tr
-
16
32
Turn-Off Delay Time
Td(off)
-
178
340
Fall Time
Tf
-
72
140
Total Gate Charge
Qg
VDS=-15V
VGS=-10V
IDS=-10A
-
108
150
nC
Gate to Source Charge
Qgs
-
15
25
Gate to Drain Charge
Qgd
-
17.4
30
Drain-Source Diode Characteristics
Diode Forward Voltage
VSD
VGS=0V IS=-1A
-
-
-1
V
Notes:
1. Pulse Test: Pulse Width
300 s, Duty Cycle
2%.
2. R
R JA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
R
R JC is guaranteed by design while R CA is determined by the user's board design. R JA shown below for single device operation on FR-4 in still air.
Aug.2017
DAM85P30D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com