Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNQ Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FNQ
Description  FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FNQ Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FNQ Datasheet HTML 1Page - Eaton All Rights Reserved. FNQ Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 1012
Effective February 2016
Supersedes April 2014
Catalog symbol / color code:
• FNQ - Orange (500Vac maximum voltage)
Description:
Bussmann® series time-delay FNQ supplemental
fuses. For superior protection, upgrade to FNQ-R
Class CC fuses. See data sheet no. 1014.
Specifications:
Ratings
Fuse
Amp
Range
Interrupting Rating
at Rated Voltage
Agency
Information
500Vac
UL
CSA
1/10 to 30
10kA
X
X
Agency information
• UL® Listed, Std. 248-14, Guide JDYX,
File E19180
• CSA® Certified: C22.2 No. 248.14,
Class 1422-01, File 53787, HRC-MISC
• CE
• RoHS compliant*
* FNQ-1/8 not RoHS compliant.
Catalog numbers (amps)
FNQ-1/10
FNQ-8/10
FNQ-3-2/10
FNQ-9
FNQ-1/8
FNQ-1
FNQ-3-1/2
FNQ-10
FNQ-15/100
FNQ-1-1/8
FNQ-4
FNQ-12
FNQ-3/16
FNQ-1-1/4
FNQ-4-1/2
FNQ-14
FNQ-2/10
FNQ-1-1/2
FNQ-5
FNQ-15
FNQ-1/4
FNQ-1-6/10
FNQ-5-6/10
FNQ-20
FNQ-3/10
FNQ-2
FNQ-6
FNQ-25
FNQ-4/10
FNQ-2-1/4
FNQ-6-1/4
FNQ-30
FNQ-1/2
FNQ-2-1/2
FNQ-7
FNQ-6/10
FNQ-3
FNQ-8
Carton quantity
Amps
Qty.
1/10 to 30
10
Features
• Color coded for 500Vac maximum voltage rating
• Fiber tube construction
• Nickel-plated brass endcaps
Typical applications
• Motor control transformers
• Circuits with in-rush currents.
Recommended fuse blocks/fuse holders
Catalog symbol
Description
Data sheet no.#
Blocks
BMM
1-, 2- and 3-pole modular
blocks with optional
covers
10235
BM 1-, 2- and 3-pole blocks
1104
DIN-rail holders / switches
CCP-_-30M 1-, 2- and 3-pole switch
1157
CHM 1-, 2- and 3-pole
3185
Optima NG 3-Pole protection module
1109
Optima 3-Pole holder
1102
Optima 3-Pole holder + switch
1103
Panel mount holders
HPM and HPM-D 1-Pole holder
2112
HPC-D 1-Pole holder
2109
HPS2 2-Pole holder
2140
HPF, HPF-C and
HPF-WT
1-Pole holder
2114
HPS 1-Pole holder
2113
HPG and HPD 1-Pole holder
2108
In-line holders
HEB 1-Pole holder
2127
HEX 2-Pole holder
2126
Fuseclips
1A3400, 5956 and
5960
PCB fuseclips
2132
Fuse covers
SAMI-7 Finger-safe fuse cover
1204
FNQ 13⁄32˝ x 1-1⁄2˝ 500Vac time-delay
supplemental fuses
0.41"
(10.3)
1.5"
(38.1)
Dimensions - in (mm)
500Vac
1/10 to 30A


Similar Part No. - FNQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNQ-1 COOPER-FNQ-1 Datasheet
551Kb / 2P
FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
FNQ-1-1/2 COOPER-FNQ-1-1/2 Datasheet
551Kb / 2P
FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
FNQ-1-1/4 COOPER-FNQ-1-1/4 Datasheet
551Kb / 2P
FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
FNQ-1-1/8 COOPER-FNQ-1-1/8 Datasheet
551Kb / 2P
FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
More results

Similar Description - FNQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNQ-2 COOPER-FNQ-2 Datasheet
373Kb / 2P
13/32 x 1-1/2 500Vac Time-delay supplemental fuses
FNM-25 COOPER-FNM-25 Datasheet
378Kb / 3P
13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNQ-8-10 COOPER-FNQ-8-10 Datasheet
373Kb / 2P
13/32 x 1-1/2 500Vac Time-delay supplemental fuses
FNA-20 COOPER-FNA-20 Datasheet
510Kb / 2P
13/32 x 1-1/2 250Vac Pin indicating time-delay supplemental fuses
FNM-3 COOPER-FNM-3 Datasheet
378Kb / 3P
13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNQ-110 COOPER-FNQ-110 Datasheet
551Kb / 2P
FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
FNA-1 COOPER-FNA-1_15 Datasheet
342Kb / 2P
FNA 13??2? x 1-1??? 250Vac pin indicating time-delay supplemental fuses
logo
Eaton All Rights Reserv...
FNA EATON-FNA Datasheet
342Kb / 2P
FNA 13??2? x 1-1??? 250Vac pin indicating time-delay supplemental fuses
FNM EATON-FNM Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com