Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD2011 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FTD2011
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FTD2011 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FTD2011 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FTD2011 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
MOSFET
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
VGS=0V,ID=1mA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
μA
Gate-Body Leakage
IGSS
VGS=±8V,VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.5
1.3
V
VGS=4V,ID=4A
30
mΩ
VGS=2.5V,ID=2A
45
mΩ
On-State Drain Current
ID(ON)
VDS=5V,VGS=4.5V
18
A
Forward Transconductance
gFS
VDS=5V,ID=5A
5
S
Input Capacitance
Ciss
900
pF
Output Capacitance
Coss
260
pF
Reverse Transfer Capacitance
Crss
200
pF
Turn-On Delay Time
tD(on)
15
ns
Rise Time
tr
150
ns
Turn-Off Delay Time
tD(off)
100
ns
Fall Time
tf
150
ns
Total Gate Charge
Qg
32
nC
Gate-S ource Charge
Qgs
1.5
nC
Gate-Drain Charge
Qgd
6
nC
VDS = 10V, ID = 4A,VGS = 10V
RDS(ON)
Drain- Source on-state Resistance
VDD=10V,ID=4A,VGS=4V,
RL=2.5Ω,RGEN=50Ω
VDS = 10V, VGS = 0V,f =1.0MHZ
Dual N-Channel Enhancement Mode MOSFET
FTD2011
■ Marking
Marking
2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com