Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP830UZ Datasheet(PDF) 4 Page - Shenzhen Meipusen Semiconductor Co., Ltd

Part # SLP830UZ
Description  550V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAPLESMI [Shenzhen Meipusen Semiconductor Co., Ltd]
Direct Link  http://www.meipusen.com/
Logo MAPLESMI - Shenzhen Meipusen Semiconductor Co., Ltd

SLP830UZ Datasheet(HTML) 4 Page - Shenzhen Meipusen Semiconductor Co., Ltd

  SLP830UZ Datasheet HTML 1Page - Shenzhen Meipusen Semiconductor Co., Ltd SLP830UZ Datasheet HTML 2Page - Shenzhen Meipusen Semiconductor Co., Ltd SLP830UZ Datasheet HTML 3Page - Shenzhen Meipusen Semiconductor Co., Ltd SLP830UZ Datasheet HTML 4Page - Shenzhen Meipusen Semiconductor Co., Ltd SLP830UZ Datasheet HTML 5Page - Shenzhen Meipusen Semiconductor Co., Ltd SLP830UZ Datasheet HTML 6Page - Shenzhen Meipusen Semiconductor Co., Ltd SLP830UZ Datasheet HTML 7Page - Shenzhen Meipusen Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Maple Semiconductor CO., LTD
http://www.maplesemi.com
Rev. 01 November. 2015
Typical Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9-1. Maximum Safe Operating Area
For SLP830UZ
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※
Notes :
1. V
GS = 0 V
2. I
D = 250 μ A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※
Notes :
1. V
GS = 10 V
2. I
D = 2.0 A
T
J, Junction Temperature [
oC]
Figure 10. Maximum Drain Current
vs Case Temperature
25
50
75
100
125
150
0
1
2
3
4
5
T
C, Case Temperature [
]
℃
Figure 9-2. Maximum Safe Operating Area
For SLF830UZ
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100 ms
DC
10 ms
1 ms
100
u
s
Operation in This Area
is Limited by R
DS(on)
※
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100 ms
DC
10 ms
1 ms
100
u
s
Operation in This Area
is Limited by R
DS(on)
※
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com