Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRN-R-8/10 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FRN-R-8/10
Description  Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FRN-R-8/10 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FRN-R-8/10 Datasheet HTML 1Page - Eaton All Rights Reserved. FRN-R-8/10 Datasheet HTML 2Page - Eaton All Rights Reserved. FRN-R-8/10 Datasheet HTML 3Page - Eaton All Rights Reserved. FRN-R-8/10 Datasheet HTML 4Page - Eaton All Rights Reserved. FRN-R-8/10 Datasheet HTML 5Page - Eaton All Rights Reserved. FRN-R-8/10 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data 1019
Effective February 2016
FRN-R Class RK5 250Vac/125Vdc
1⁄10-60A, dual element, time-delay fuses
Eaton.com/bussmannseries
Dimensions - in:
Recommended fuse blocks:
Fuse amps
1-pole
2-pole
3-pole
up to 30
RM25030-1_
RM25030-2_
RM25030-3_
35 to 60
RM25060-1CR
RM25060-2CR
RM25060-3CR
For additional information see data sheet no. 10289.
Fuse reducers for Class R fuses
Fuse size
Amp size of fuse block or disconnect
switch
Catalog no.
(pairs)
Up to 30A
60A
No.263-R
Up to 30A
100A
No.213-R
35 to 60A
No.216-R
35 to 60A
200A
No.226-R
For additional information on Class R fuse reducers, see data sheet
no 1118.
0.56" (±0.01)
up to 30A
3"
(± 0.03)
35 to 60A
0.81" (±0.01)
2"
(± 0.03)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com