Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRN-R-75 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FRN-R-75
Description  Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FRN-R-75 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FRN-R-75 Datasheet HTML 1Page - Eaton All Rights Reserved. FRN-R-75 Datasheet HTML 2Page - Eaton All Rights Reserved. FRN-R-75 Datasheet HTML 3Page - Eaton All Rights Reserved. FRN-R-75 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1020
Effective February 2016
FRN-R Class RK5 250Vac, 125/250Vdc
70-600A, dual element, time-delay fuses
Eaton.com/bussmannseries
Recommended fuse blocks:
Fuse amps
1-pole
2-pole
3-pole
70-100
RM25100-1CR
RM25100-2CR
RM25100-3CR
110-200
RM25200-1CR
RM25200-2CR
RM25200-3CR
225-400
RM25400-1CR
RM25400-2CR
RM25400-3CR
450-600
RM25600-1CR
RM25600-2CR
RM25600-3CR
For additional information on the RM 250 volt fuse blocks, see
product brochure no. 3192.
use reducers for Class R fuses
Fuse size
Amp size of fuse block or
disconnect switch
Catalog no. (pairs)
65 to 100A
400A
No.2641-R*
110 to 200A
No.242-R*
65 to 100A
600A
No.2661-R*
110 to 200A
No.2662-R*
225 to 400A
No.2664-R*†
* These reducers are not CSA Certified.
†
Single reducer only (pair not required)
For additional information on Class R fuse reducers, see data sheet
no 1118.
5.88”
1.06”
7.13”
1.56”
8.63”
± 0.09
2.38” ± 0.02
10.38”
± 0.09
2.88” ± 0.02
70 to 100A
110 to 200A
225 to 400A
450 to 600A
Dimensions - in:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com