Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC71P032A Datasheet(PDF) 9 Page - Generalplus Technology Inc.

Part # GPC71P032A
Description  4-bit Speech with SPU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC71P032A Datasheet(HTML) 9 Page - Generalplus Technology Inc.

Back Button GPC71P032A Datasheet HTML 5Page - Generalplus Technology Inc. GPC71P032A Datasheet HTML 6Page - Generalplus Technology Inc. GPC71P032A Datasheet HTML 7Page - Generalplus Technology Inc. GPC71P032A Datasheet HTML 8Page - Generalplus Technology Inc. GPC71P032A Datasheet HTML 9Page - Generalplus Technology Inc. GPC71P032A Datasheet HTML 10Page - Generalplus Technology Inc. GPC71P032A Datasheet HTML 11Page - Generalplus Technology Inc. GPC71P032A Datasheet HTML 12Page - Generalplus Technology Inc. GPC71P032A Datasheet HTML 13Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
GPC71PXXXA
© Generalplus Technology Inc.
Proprietary & Confidential
9
Dec. 20, 2016
Version: 1.2
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Input Pull Low Resistor
(IOA, IOB, IOC, IOD)
RL2
-
1000
-
Kohm
VDD = 3.0V, IO = 3.0V
For GPC71P080A/064A/048A/
032A/016A
-
500
-
Kohm
VDD = 4.5V, IO = 4.5V
For GPC71P080A/064A/048A/
032A/016A
-
850
-
Kohm
VDD = 3.0V, IO = 3.0V
For GPC71P340A/170A
-
850
-
Kohm
VDD = 4.5V, IO = 4.5V
For GPC71P340A/170A
PWM Driver Current
IPWM
-
180
-
mA
VDD = 3.0V, 8 Ohms load
-
280
-
mA
VDD = 4.5V, 8 Ohms load
Frequency deviation by
voltage drop
△F/F
-1
-
+1
%
Fosc(3.0v)
Fosc(2.4v)
Fosc(5.5v) 
FCPU = 2MHz
Frequency lot deviation
△F/F
-1
-
1
%
Fmax(3.0v)
Fmin(3.0v)
Fmax(3.0v)
FCPU = 2MHz
@
3.0V (tentative)
-1
-
1
%
Fmax(4.5v)
Fmin(4.5v)
Fmax(4.5v)
FCPU = 2MHz
@
4.5V (tentative)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com