Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWH Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FWH
Description  FWH 6x32mm high speed ferrule fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FWH Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FWH Datasheet HTML 1Page - Eaton All Rights Reserved. FWH Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FWH 6x32mm high speed ferrule fuses
Technical Data 720038
Effective June 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 720038 — BU-SB15288
June 2017
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document are
by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the
end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit
distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once
a product has been selected, it should be tested by the user in all possible applications.
Catalog numbers:
Amps
Rated voltage
I2t (A2s)
Watts loss (W)
Catalog no.
Vac
Vdc
Pre-arcing
Clearing @ 500Vac
Standard
RoHS compliant
0.25
500
—
0.01
0.05
2.7
—
FWH-.250A6F
0.5
—
0.05
0.25
1.2
FWH-.500A6F
1
600
0.4
2
1.7
FWH-001A6F
2
1000
1.3
3.5
3.2
FWH-002A6F
3.15
500
3.1
7.7
2.9
FWH-3.15A6F
4
—
—
—
FWH-004A6F
5
15
40
2.1
FWH-005A6F
6.3
—
36
90
2.3
FWH-6.30A6F
7
—
50
125
2.5
FWH-007A6F
10
—
9.9
139
2.86
FWH5-010A6F
FWH5-010A6FR
12.5
—
20
60
3.53
FWH5-12-5A6F
FWH5-12-5A6FR
15
—
44
146
3.08
FWH5-015A6F
FWH5-015A6FR
16
—
48
177
4.48
FWH5-016A6F
FWH5-016A6FR
20
—
75
259
4.26
FWH5-020A6F
FWH5-020A6FR
25
—
126
345
—
FWH-025A6F
FWH-025A6FR
30
—
145
430
—
FWH-030A6F
FWH-030A6FR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com