Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JJS-1 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # JJS-1
Description  JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

JJS-1 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  JJS-1 Datasheet HTML 1Page - Eaton All Rights Reserved. JJS-1 Datasheet HTML 2Page - Eaton All Rights Reserved. JJS-1 Datasheet HTML 3Page - Eaton All Rights Reserved. JJS-1 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Eaton.com/bussmannseries
JJS — 600Vac, 1-800A, fast-acting ClassT fuses
Technical Data 1029
Effective December 2017
Eaton, Bussmann and Limitron are valuable
trademarks of Eaton in the U.S. and other
countries. You are not permitted to use
the Eaton trademarks without prior written
consent of Eaton.
CSA is a registered trademark of the Canadian
Standards Group.
NEC is a registered trademark of the National
Fire Protection Association, Inc.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 1029 — BU-SB13737
December 2017
Follow us on social media to get the
latest product and support information.
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document are
by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the
end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit
distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once
a product has been selected, it should be tested by the user in all possible applications.
Current-limiting effects
Prosp.
S.C.C.
Let-through current (apparent RMS Sym. vs. fuse rating)
—
15A
30A
60A
100A
200A
400A
600A
800A
500
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
5000
1000
1000
1000
2000
3000
4000
5000
5000
10,000
1000
1000
1000
2000
3000
6000
8000
9000
15,000
1000
1000
2000
3000
4000
7000 10,000 11,000
20,000
1000
1000
2000
3000
4000
7000 10,000 12,000
25,000
1000
1000
2000
3000
5000
7000 11,000 13,000
30,000
1000
1000
2000
3000
5000
8000 12,000 14,000
35,000
1000
1000
2000
3000
5000
9000 13,000 15,000
40,000
1000
2000
2000
4000
5000
9000 13,000 15,000
50,000
1000
2000
2000
4000
6000
10000 14,000
17,000
60,000
1000
2000
3000
4000
6000
10000 16,000 18,000
70,000
1000
2000
3000
4000
7000
11000
17,000 19,000
80,000
1000
2000
3000
4000
7000
11000
17,000 20,000
90,000
1000
2000
3000
4000
7000
12000 18,000 21,000
100,000
2000
2000
3000
5000
7000 12,000 19,000 22,000
150,000
2000
3000
4000
6000
8000 14,000 22,000 25,000
200,000
2000
3000
4000
6000
9000 16,000 24,000 28,000
Current-limitation curves
800
100,000
80,000
60,000
40,000
30,000
20,000
10,000
8000
6000
4000
3000
2000
1000
600
400
300
200
200,000
400,000
300,000
600
400
200
100
60
30
800
15
B
A
RMS SYMMETRICAL CURRENT IN AMPS
A-B = ASYMMETRICAL AVAILABLE PEAK (2.3 X SYM RMS AMPS)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com