Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

263-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # 263-R
Description  Class H/K, J and R ferrule and blade fuse reducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

263-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  263-R Datasheet HTML 1Page - Eaton All Rights Reserved. 263-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Class H/K, J and R ferrule and blade fuse reducers
Technical Data 1118
Effective February 2017
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 1118 - BU-MC15034
February 2017
Eaton and Bussmann are valuable trademarks
of Eaton in the US and other countries. You
are not permitted to use the Eaton trademarks
without prior written consent of Eaton.
CSA is a registered trademark of the Canadian
Standards Group.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document are
by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the
end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit
distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once
a product has been selected, it should be tested by the user in all possible applications.
Class R fuse reducers
For Bussmann series FRN-R/LPN-RK (250 V) and
FRS-R/LPS-RK (600 V) fuses.
Fuse size
Amp size of
fuse block or
disconnect switch
Catalog No. (pairs)
250V
600V
Up to 30 A
60 A
No.263-R
No.663-R
Up to 30 A
100 A
No.213-R
No.216-R
35 to 60 A
No.216-R
No.616-R
35 to 60 A
200 A
No.226-R
No.626-R
65 to 100 A
No.2621-R*
No.2621-R*
65 to 100 A
400 A
No.2641-R*
No.2641-R*
110 to 200 A
No.242-R*
No.642-R*
65 to 100 A
600 A
No.2661-R*
No.2661-R*
110 to 200 A
No.2662-R*
No.2662-R*
225 to 400 A
No.2664-R*† No.2664-R*†
* These reducers are not CSA Certified.
† Single reducer only (pair not required)
Note: Carton quantity - 10 pair.
Class H and K fuse reducers
For Bussmann series NON/REN (250 V) and
NOS/RES (600 V) fuses.
Fuse size
Amp size of
fuse block or
disconnect switch
Catalog No. (pairs)
250V
600V
Up to 30 A
60 A
No.263
No.663
Up to 30 A
100 A
No.213
No.216
35 to 60 A
100 A
No.216
No.616
35 to 60 A
200 A
No.226
No.626
65 to 100 A
200 A
No.2621
No.2621
65 to 100 A
400 A
No.2641*
No.2641*
110 to 200 A
400 A
No.2642
No.2642
65 to 100 A
600 A
No.2661*
No.2661*
110 to 200 A
600 A
No.2662*
No.2662*
225 to 400 A
600 A
No.2664*
No.2664*
* These reducers are not CSA Certified.
Note: Carton quantity - 10 pair.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com