Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JJS-80 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # JJS-80
Description  JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

JJS-80 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  JJS-80 Datasheet HTML 1Page - Eaton All Rights Reserved. JJS-80 Datasheet HTML 2Page - Eaton All Rights Reserved. JJS-80 Datasheet HTML 3Page - Eaton All Rights Reserved. JJS-80 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data1029
Effective December 2017
Supersedes March 2017
JJS Limitron™ 600Vac, 1-800A, fast-acting
Class T fuses
Catalog Symbol:
•
JJS-(amp)
Description:
Eaton’s Bussmann™ series Limitron™ advanced
protection Class T current-limiting, fast-acting
fuses.
Specifications:
Ratings
•
Volts — 600 Vac
•
Amps — 1-800 A
•
IR
— 200 kA Vac RMS Sym.
Agency Information
•
UL® Listed, Std. 248-15, Class T, Guide JDDZ,
File E4273
•
CSA® Certified, C22.2 No. 248.15, Class 1422-
02, File 53787
•
CE
•
RoHS complaint
2011/65/EU
Catalog numbers (amps)
JJS-1
JJS-30
JJS-90
JJS-250
JJS-2
JJS-35
JJS-100
JJS-300
JJS-3
JJS-40
JJS-110
JJS-350
JJS-6
JJS-45
JJS-125
JJS-400
JJS-10
JJS-50
JJS-150
JJS-450
JJS-15
JJS-60
JJS-175
JJS-500
JJS-20
JJS-70
JJS-200
JJS-600
JJS-25
JJS-80
JJS-225
JJS-800
Carton quantity
Amp rating
Carton qty.
Up to 60
10
70–100
5
110–800
1
Features:
•
Provides 10X better current limitation to help
prevent equipment damage caused by short-
circuit events.
•
200 kA Interrupting rating complies with NEC®
Section 110.9 for today’s large capacity systems.
•
Fast-acting fuse helps prevent equipment
damage caused by short-circuit events.
•
Small, space-saving fuses provide a high
degree of current limitation on short-circuits for
excellent component protection.
•
Ideal for critical industrial or commercial
applications that have specific current limitation
requirements.
Recommended fuse blocks*
Amp rating
1-pole
2-pole
3-pole
up to 30
T60030-1_ T60030-2_ T60030-3_
35-60
T60060-1_ T60060-2_ T60060-3_
70-100
T60100-1_ T60100-2_ T60100-3_
110-200
T60200-1_ —
1B0089
225-400
T60400-1_ —
—
450-600
T60600-1_ —
—
* For additional information, see data sheet no. 1116.


Similar Part No. - JJS-80

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JJS-80 COOPER-JJS-80 Datasheet
289Kb / 3P
JJS ??600Vac, 1-800A, Fast-Acting Fuses
JJS-800 COOPER-JJS-800 Datasheet
289Kb / 3P
JJS ??600Vac, 1-800A, Fast-Acting Fuses
More results

Similar Description - JJS-80

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JJS-70 COOPER-JJS-70 Datasheet
291Kb / 3P
LIMITRON??600V Class T JJS ??600Vac, 1-800A, Fast-Acting Fuses
JJS-60 COOPER-JJS-60 Datasheet
291Kb / 3P
JJS - 600Vac, 1-800A, Fast-Acting Fuses
JJS-40 COOPER-JJS-40 Datasheet
291Kb / 3P
JJS 600Vac, 1-800A, Fast-Acting Fuses
KTU-601 COOPER-KTU-601 Datasheet
664Kb / 4P
Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
JKS ??600Vac, 1-60A, Fast-Acting Fuses
JJS-1 COOPER-JJS-1 Datasheet
289Kb / 3P
JJS ??600Vac, 1-800A, Fast-Acting Fuses
KTK-R-1 COOPER-KTK-R-1 Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
Eaton All Rights Reserv...
JJN EATON-JJN Datasheet
825Kb / 4P
JJN Limitron??300Vac, 1-1200A, fast-acting Class T fuses
KTK-R EATON-KTK-R Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
KTU EATON-KTU Datasheet
664Kb / 4P
Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com