Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLU Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # KLU
Description  Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KLU Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  KLU Datasheet HTML 1Page - Eaton All Rights Reserved. KLU Datasheet HTML 2Page - Eaton All Rights Reserved. KLU Datasheet HTML 3Page - Eaton All Rights Reserved. KLU Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1013
Effective February 2016
LIMITRON™ KLU Class L 600Vac, 601-4000A, time-delay fuses
Eaton.com/bussmannseries
Dimensions – in:
1.75"
1.38"
0.81"
0.88"
1.75"
1.38"
0.88"
1.63"
0.75"
0.75"
0.75"
0.5"
2.75"
0.44"
2.38"
0.38"
0.38"
2"
2.5"
2"
2.5"
3"
3.5"
3.5"
5"
4"
5"
4.75"
5.75"
10.75"
(± 0.09)
8.63"
(± 0.09)
6.75"
5.75"
All Slots and Holes
0.63" (± 0.03)
Terminals: Width (± 0.06), Thickness (± 0.03)
All other tolerances (± 0.02)
1000
to
1200A
601
to
800A
1500
to
1600A
1800
to
2000A
2500A
3000A
3500
to
4000A
6.75"
3.75"



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com