Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS-R-9 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FRS-R-9
Description  Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FRS-R-9 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FRS-R-9 Datasheet HTML 1Page - Eaton All Rights Reserved. FRS-R-9 Datasheet HTML 2Page - Eaton All Rights Reserved. FRS-R-9 Datasheet HTML 3Page - Eaton All Rights Reserved. FRS-R-9 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1017
Effective August 2018
Fusetron™ 600 V Class RK5 FRS-R — 600 Vac/300 Vdc,
1/10-60 A, dual element, time-delay fuses
Eaton.com/bussmannseries
Recommended fuse blocks
Amps
Catalog no.
1-Pole
2-Pole
3-Pole
30
RM60030-1_
RM60030-2_
RM60030-3_
60
RM60060-1_
RM60060-2_
RM60060-3_
For additional information on the 600 volt fuse blocks, see data
sheet no. 10489.
Fuse reducers for Class R fuses
Equipment fuse clips
Desired fuse (case)
size
Catalog no. (pairs)
600 V
60 A
30 A
NO.663-R
100 A
30 A
NO.216-R
60 A
NO.616-R
200 A
60 A
NO.626-R
For additional information on Class R fuse reducers, see data sheet
no. 1118.
Dimensions — in
0.81" (±0.008)
5"
(±0.031)
1/10 to 30A
5.5"
(±0.031)
35 to 60A
1.06" (±0.008)
Time-current curves - average melt
1/10 to 8 amps
AMP RATING
CURRENT IN AMPS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com