Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8308AGILF Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8308AGILF
Description  Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8308AGILF Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8308AGILF Datasheet HTML 1Page - Integrated Circuit Systems ICS8308AGILF Datasheet HTML 2Page - Integrated Circuit Systems ICS8308AGILF Datasheet HTML 3Page - Integrated Circuit Systems ICS8308AGILF Datasheet HTML 4Page - Integrated Circuit Systems ICS8308AGILF Datasheet HTML 5Page - Integrated Circuit Systems ICS8308AGILF Datasheet HTML 6Page - Integrated Circuit Systems ICS8308AGILF Datasheet HTML 7Page - Integrated Circuit Systems ICS8308AGILF Datasheet HTML 8Page - Integrated Circuit Systems ICS8308AGILF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
8308AGI
www.icst.com/products/hiperclocks.html
REV. B JULY 25, 2005
4
Integrated
Circuit
Systems, Inc.
ICS8308I
LOW SKEW, 1-TO-8
DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
TABLE 4D. DC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= -40° TO 85°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IS
O
M
C
V
L2
V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
K
L
C
_
S
O
M
C
V
L3
.
0
-3
.
1V
E
O
,
N
E
_
K
L
C8
.
08
.
0
I
N
I
t
n
e
r
r
u
C
t
u
p
n
I
V
N
I
V
=
D
D
r
o
V
N
I
D
N
G
=
0
0
3A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OI
H
O
A
m
4
2
-
=4
.
2V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
I
L
O
A
m
4
2
=5
5
.
0V
I
L
O
A
m
2
1
=0
3
.
0V
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
PK
L
C
n
,
K
L
C5
1
.
03
.
1V
V
R
M
C
;
e
g
a
t
l
o
V
e
d
o
M
n
o
m
m
o
C
t
u
p
n
I
3
,
2
E
T
O
N
K
L
C
n
,
K
L
C5
.
0
+
D
N
GV
D
D
5
8
.
0
-V
0
5
g
n
i
v
i
r
d
f
o
e
l
b
a
p
a
c
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
e
n
il
n
o
i
s
s
i
m
s
n
a
r
t
Ω
V
o
t
O
D
D
.
2
/
.
"
t
i
u
c
r
i
C
t
s
e
T
C
A
d
a
o
L
t
u
p
t
u
O
V
3
.
3
"
,
n
o
i
t
c
e
s
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
s
i
K
L
C
n
,
K
L
C
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
2
E
T
O
N
V
D
D
.
V
3
.
0
+
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
3
E
T
O
NV
H
I .
TABLE 4E. DC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 2.5V±5%, T
A
= -40° TO 85°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IS
O
M
C
V
L2
V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
K
L
C
_
S
O
M
C
V
L3
.
0
-3
.
1V
E
O
,
N
E
_
K
L
C8
.
0V
I
N
I
t
n
e
r
r
u
C
t
u
p
n
I
V
N
I
V
=
D
D
r
o
V
N
I
D
N
G
=
0
0
3A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OI
H
O
A
m
5
1
-
=8
.
1V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OI
L
O
A
m
5
1
=6
.
0V
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
PK
L
C
n
,
K
L
C5
1
.
03
.
1V
V
R
M
C
;
e
g
a
t
l
o
V
e
d
o
M
n
o
m
m
o
C
t
u
p
n
I
3
,
2
E
T
O
N
K
L
C
n
,
K
L
C5
.
0
+
D
N
GV
D
D
5
8
.
0
-V
0
5
g
n
i
v
i
r
d
f
o
e
l
b
a
p
a
c
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
e
n
il
n
o
i
s
s
i
m
s
n
a
r
t
Ω
V
o
t
O
D
D
.
2
/
.
"
t
i
u
c
r
i
C
t
s
e
T
C
A
d
a
o
L
t
u
p
t
u
O
V
3
.
3
"
,
n
o
i
t
c
e
s
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
s
i
K
L
C
n
,
K
L
C
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
2
E
T
O
N
V
D
D
.
V
3
.
0
+
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
3
E
T
O
NV
H
I .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com