Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-CC Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # LP-CC
Description  Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP-CC Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  LP-CC Datasheet HTML 1Page - Eaton All Rights Reserved. LP-CC Datasheet HTML 2Page - Eaton All Rights Reserved. LP-CC Datasheet HTML 3Page - Eaton All Rights Reserved. LP-CC Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1023
Effective October 2017
Supersedes February 2016
Low-Peak™ LP-CC Class CC 600 Vac/300 Vdc,
1/2-30 A time-delay fuses
Catalog symbol:
•
LP-CC-(amp)
Description:
Bussmann™ series Ultimate protection Low-Peak
Class CC current-limiting, time-delay fuses. Time-
delay – 12 seconds (minimum) at 200% of rated
current.
Specifications:
Ratings
•
Volts
•
600 Vac
•
300 Vdc (1/2 to 2-8/10 A, 20-30 A)
•
150 Vdc (3-15 A)
•
Amps 1/2-30 A
•
IR
•
200 kA Vac RMS Sym.
•
20 kA Vdc
Agency information
•
UL® Listed Class CC, Std. 248-4,
Guide JDDZ, File E4273
•
CSA® Certified; Class 1422-02, File 53787
•
CE
•
RoHS compliant (20-30A)
Catalog numbers (amps)
LP-CC-1/2
LP-CC-1-1/2
LP-CC-3
LP-CC-6
LP-CC-12
LP-CC-6/10
LP-CC-1-6/10 LP-CC-3-2/10 LP-CC-6-1/4
LP-CC-15
LP-CC-8/10
LP-CC-1-8/10
LP-CC-3-1/2
LP-CC-7
LP-CC-20
LP-CC-1
LP-CC-2
LP-CC-4 LP-CC-7-1/2
LP-CC-25
LP-CC-1-1/8
LP-CC-2-1/4
LP-CC-4-1/2
LP-CC-8
LP-CC-30
LP-CC-1-1/4
LP-CC-2-1/2
LP-CC-5
LP-CC-9
LP-CC-1-4/10
LP-CC-2-8/10 LP-CC-5-6/10
LP-CC-10
Carton quantity:
Amp rating
Carton qty.
1/2-30
10
Dimensions - in (mm)
Features:
•
200kA interrupting rating complies with NEC®
Section 110.9 for today’s large capacity systems.
•
Fast short-circuit protection and dual-element,
time-delay performance provide ultimate
protection.
•
Reduces existing fuse inventory by up to 33%
when upgrading to Low-Peak fuses.
•
Consistent 2:1 amp rating ratios for all Low-
Peak fuses make selective coordination easy.
•
Time-delay characteristic avoids unwanted
fuse openings from surge currents while fast
response speed under fault conditions provides
a high degree of current limitation.
•
Current-limitation protects downstream
components against damaging thermal and
magnetic effects of fault currents.
•
A superior, all-purpose, space-saving branch
circuit fuse that meets most protection
requirements up to 30 A.
•
Very compact physical size that’s only 13/32” x
1-1/2” (10 x 38mm) with rejction tip.
•
Proper sizing can provide “No Damage” Type 2
coordinated protection for NEMA and IEC motor
controllers.
•
Can be used where either a time-delay or a
fast-acting fuse is needed, making selection
easier and reducing spare fuse inventories for
substantial cost reduction.
•
Superior protection for small horsepower motor
circuits.
1.5 (38)
0.41 (10)


Similar Part No. - LP-CC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
LP-CC-1-1/2 COOPER-LP-CC-1-1/2 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
LP-CC-1-1/4 COOPER-LP-CC-1-1/4 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
LP-CC-1-1/8 COOPER-LP-CC-1-1/8 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
More results

Similar Description - LP-CC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNQ-R-2-1-2 COOPER-FNQ-R-2-1-2 Datasheet
76Kb / 2P
CC-TRON Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
LP-CC-5 COOPER-LP-CC-5 Datasheet
77Kb / 2P
Time-Delay Fuses Class CC 600 Volt, 횣 to 30 Amps
LP-CC-1 COOPER-LP-CC-1_16 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
FNQ-R-1 COOPER-FNQ-R-1_15 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
FRS-R EATON-FRS-R Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
FRS-R-65 EATON-FRS-R-65 Datasheet
258Kb / 3P
FRS-R ??600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
LPS-RK EATON-LPS-RK Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 70-600 A, dual element, time-delay fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com