Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPJ-2SP Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # LPJ-2SP
Description  Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LPJ-2SP Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  LPJ-2SP Datasheet HTML 1Page - Eaton All Rights Reserved. LPJ-2SP Datasheet HTML 2Page - Eaton All Rights Reserved. LPJ-2SP Datasheet HTML 3Page - Eaton All Rights Reserved. LPJ-2SP Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1006
Effective August 2018
Low-Peak™ LPJ Class J 600Vac/300Vdc, 1-60A,
dual element, time-delay fuses
Eaton.com/bussmannseries
Recommended fuse blocks and holders:
Fuse amps
1-Pole
2-Pole
3-Pole
Modular open blocks with optional covers
0-30
JM60030-1_
JM60030-2_
JM60030-3_
35-60
JM60060-1_
JM60060-2_
JM60060-3_
“Pyramid” blocks
0-30
—
—
JP60030-3_
CH holders
0-30
CH30J1_
CH30J2_
CH30J3_
35-60
CH60J1_
CH60J2_
CH60J3_
Safety J™ holders
0-30
JT60030_
—
—
35-60
JT60060_
—
—
For additional information on the Class J fuse blocks and holders,
see data sheets no. 10289 (modular open blocks), no.1108 (pyramid
blocks), no. 2144 (CH) and no. 1152 (Safety J).
Fuse reducers for Class J fuses:
Equipment fuse clips
Desired fuse
(case) size
Catalog numbers
(pairs)
60A 30A
J-63
100A
30A
J-13
60A
J-16
200A 60A
J-26†
† Not for bolt-in applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com