Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCD2TP020A Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPCD2TP020A
Description  Two--channell Sound Conttrollller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCD2TP020A Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPCD2TP020A Datasheet HTML 17Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 18Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 19Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 20Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 21Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 22Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 23Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 24Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 25Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
GPCD2TP020A
© Generalplus Technology Inc.
Proprietary & Confidential
21
Nov. 18, 2018
Version: 1.1
8.2. GPCD2TP020A Application Circuit with 16MHz X
’tal (XTAL-mode)
Note*1: These capacitor values are for design guidance only. Adding 10uF and 0.1uF capacitors in parallel to each power group are recommended for noise
sensitive application. The recommended features are ESR=0.05~1Ω
Note*2: These capacitor values are for design guidance only. The recommended features are ESR=11.2~60K and C4=C5=18~28pF (including PCB parasitic
loading, for example, user should apply additional 12~22pF on XI and XO if PCB parasitic loading is 6pF)
Note*3: 16MHz X
’tal or 12Mhz X’tal can be used for different speed applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com