Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPJ-12SP Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # LPJ-12SP
Description  Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LPJ-12SP Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  LPJ-12SP Datasheet HTML 1Page - Eaton All Rights Reserved. LPJ-12SP Datasheet HTML 2Page - Eaton All Rights Reserved. LPJ-12SP Datasheet HTML 3Page - Eaton All Rights Reserved. LPJ-12SP Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low-Peak™ LPJ Class J 600Vac/300Vdc, 1-60A,
dual element, time-delay fuses
Technical Data 1006
Effective August 2018
Eaton, Bussmann, Low-Peak and Safety J are
valuable trademarks of Eaton in the US and
other countries. You are not permitted to use
the Eaton trademarks without prior written
consent of Eaton.
CSA is a registered trademark of the Canadian
Standards Group.
IEC is a registered trademark of the
International Electrotechnical Commission.
NEMA is a registered trademark of the
National Electrical Manufacturers Association.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2018 Eaton
All Rights Reserved
Printed in USA
Publication No. 1006 — BU-SB13688
August 2018
Follow us on social media to get the
latest product and support information.
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document are
by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the
end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit
distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once
a product has been selected, it should be tested by the user in all possible applications.
Current-limitation curves:
Current-limiting effects:
Prospective
S.C.C.
Let-through current
(apparent RMS symmetrical vs. fuse rating)
15A
30A
60A
1000 1000
1000
1000
3000 1000
1000
1000
5000 1000
1000
1000
10,000 1000
1000
2000
15,000 1000
1000
2000
20,000 1000
1000
2000
25,000 1000
1000
2000
30,000 1000
1000
2000
35,000 1000
1000
2000
40,000 1000
2000
3000
50,000 1000
2000
3000
60,000 1000
2000
3000
80,000 1000
2000
3000
100,000 1000
2000
4000
150,000 1000
2000
4000
200,000 2000
3000
4000
250,000 2000
3000
5000
300,000 2000
3000
5000
B
A
15A
30A
60A
9000
8000
7000
6000
100000
5000
4000
90000
3000
2000
1000
80000
70000
60000
50000
40000
30000
20000
10000
900
800
700
600
500
400
300
200
100
RMS SYMMETRICAL CURRENT IN AMPS
A-B = ASYMMETRICAL AVAILABLE PEAK (2.3 X SYM RMS AMPS)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com