Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPJ-20SP Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # LPJ-20SP
Description  Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LPJ-20SP Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  LPJ-20SP Datasheet HTML 1Page - Eaton All Rights Reserved. LPJ-20SP Datasheet HTML 2Page - Eaton All Rights Reserved. LPJ-20SP Datasheet HTML 3Page - Eaton All Rights Reserved. LPJ-20SP Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1006
Effective August 2018
Supersedes February 2016
Low-Peak™ LPJ Class J 600Vac/300Vdc, 1-60A,
dual element, time-delay fuses
Catalog symbol:
•
LPJ-(amp)SP (non-indicating)
•
LPJ-(amp)SPI (indicating)
Description:
Bussmann® series Ultimate protection LPJ Class
J dual element, current-limiting, time-delay fuses
available with optional open fuse indication. Time-
delay – 10 seconds (minimum) at 500% of rated
current.
Specifications:
Ratings
•
Volts
•
600Vac
•
300Vdc*
•
Amps 1-60A
•
IR
•
300kA Vac RMS Sym.
•
100kA Vdc
* Indicating versions not Vdc rated.
Agency information
•
UL® Listed, Guide JDDZ, File E4273
•
CSA® Certified, Class 1422-02, File 53787,
Class J per CSA 22.2 No. 248.
•
CE
•
RoHS compliant
Catalog numbers (amps) – non-indicating fuses
LPJ-1SP
LPJ-3SP
LPJ-7SP*
LPJ-25SP*
LPJ-1-1/4SP
LPJ-3-2/10SP LPJ-8SP*
LPJ-30SP*
LPJ-1-6/10SP LPJ-3-1/2SP
LPJ-9SP*
LPJ-35SP*
LPJ-1-8/10SP LPJ-4SP
LPJ-10SP*
LPJ-40SP*
LPJ-2SP
LPJ-4-1/2SP
LPJ-12SP*
LPJ-45SP*
LPJ-2-1/4SP
LPJ-5SP
LPJ-15SP*
LPJ-50SP*
LPJ-2-1/2SP
LPJ-5-6/10SP LPJ-17-1/2SP* LPJ-60SP*
LPJ-2-8/10SP LPJ-6SP*
LPJ-20SP*
* Open fuse indication available by inserting the suffix
“I,” e.g., LPJ-15SPI. Requires 75Vac minimum voltage.
Indicating fuses are not Vdc rated.
Carton quantity:
Amp rating
Carton qty.
1–60
10
Dimensions - in
2.38"
0.63"
35 to 60A
1.06"
0.5"
1 to 30A
0.81"
2.25"
(±0.03)
(±0.03)
(±0.03)
(±0.03)
Features:
•
Industry’s only UL Listed and CSA Certified fuse
with a 300kA interrupting rating that allows for
simple, worry-free installation in virtually any
application.
•
Fast short-circuit protection and dual-element,
time-delay performance provide ultimate
protection.
•
Reduces existing fuse inventory by up to 33%
when upgrading to Low-Peak fuses.
•
Consistent 2:1 ampacity ratios for all Low-Peak
fuses make selective coordination easy.
•
Long time-delay minimizes needless fuse
openings due to temporary overloads and
transient surges.
•
Current-limitation protects downstream
components against damaging thermal and
magnetic effects of short-circuit currents.
•
Dual-element fuses have lower resistance than
ordinary fuses so they run cooler. They can
often be sized for back-up protection against
motor burnout from overload or single-phasing if
other overload protective devices fail.
•
Proper sizing can provide “no damage” Type
2 coordinated protection for NEMA® and IEC®
motor controllers.
•
Space-saving package for equipment
downsizing.
Available with
easyID™
open fuse indication


Similar Part No. - LPJ-20SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-20SPI COOPER-LPJ-20SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
More results

Similar Description - LPJ-20SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
FRS-R-600 COOPER-FRS-R-600 Datasheet
207Kb / 3P
FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-15 COOPER-FRS-R-15 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1_16 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
KRP-C-601SP COOPER-KRP-C-601SP Datasheet
715Kb / 4P
Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
logo
List of Unclassifed Man...
LPJ-1SP ETC2-LPJ-1SP Datasheet
719Kb / 4P
LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
LPJ-70SP EATON-LPJ-70SP Datasheet
820Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com