Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPN-RK-600SP Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # LPN-RK-600SP
Description  LPN-RK ??250 Vac/dc, 70-600 A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LPN-RK-600SP Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  LPN-RK-600SP Datasheet HTML 1Page - Eaton All Rights Reserved. LPN-RK-600SP Datasheet HTML 2Page - Eaton All Rights Reserved. LPN-RK-600SP Datasheet HTML 3Page - Eaton All Rights Reserved. LPN-RK-600SP Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1004
Effective August 2018
LPN-RK — 250 Vac/dc, 70-600 A, dual element, time-delay fuses
Eaton.com/bussmannseries
Recommended fuse blocks
Amps
Catalog no.
1-Pole
2-Pole
3-Pole
100
RM25100-1CR
RM25100-2CR
RM25100-3CR
200
RM25200-1CR
RM25200-2CR
RM25200-3CR
400
RM25400-1CR
RM25400-2CR
RM25400-3CR
600
RM25600-1CR
RM25600-2CR
RM25600-3CR
For additional information on the RM Series of 250 volt fuse blocks,
see product brochure # 3192.
Fuse Reducers For Class R Fuses
Equipment fuse clips
Desired fuse (case)
size
Catalog no. (Pairs)
250V
200 A
100 A
NO.2621-R
400 A
100 A
NO.2641-R
200 A
NO.642-R
600 A
100 A
NO.2661-R
200 A
NO.2662-R
400 A
NO.2664-R†
† Single reducer only (pair not required).
For additional information on Class R fuse reducers, see data sheet
no. 1118.
Dimensions — in
Amp rating
A
B
70-100
5.88
1.10
110-200
7.13
1.61
225-400
8.63
2.36
450-600
10.38
2.88
A
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com