Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE2048A Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPCE2048A
Description  16-bit Sound Controller with 24K X 16 ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2048A Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPCE2048A Datasheet HTML 16Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 17Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 18Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 19Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 20Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 21Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 22Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 23Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 24Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
GPCE2048A
© Generalplus Technology Inc.
Proprietary & Confidential
21
Jun 02, 2016
Version: 1.2
9 PACKAGE/PAD LOCATIONS
9.1 Ordering Information
Product Number
Package Type
GPCE2048A-NnnV-C
Chip form
GPCE2048A-NnnV-QL04x
Halogen Free Package
Note1: Code number is assigned for customer.
Note2: Code number (N = A - Z or 0 - 9, nn = 00 - 99); version (V = A - Z).
Note3: Package form number (x = 1 - 9, serial number).
9.2 Package Information
LQFP 80 Outline Dimensions
Symbol
Dimension in mm
Min.
Typ.
Max.
A
-
-
1.60
A1
0.05
-
0.15
A2
1.35
-
1.45
b
0.17
-
0.27
c1
0.09
-
0.16
D
14.00 BSC
D1
12.00 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com