Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA080Q05 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KA080Q05
Description  Three-Terminal Positive Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KA080Q05 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KA080Q05 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KA080Q05 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.kexin.com.cn
1
SMD Type
IC
SOT-23
Unit: mm
2.9
0.1
0.4
0.1
0.95
0.1
1.9
0.1
0.1
+0.05
-0.01
1
2
3
1.OUT
2.IN
3.GND
Three-Terminal Positive Voltage Regulator
Features
Maximum Output current IO:0.1A
Output Voltage VO:5V
Continuous Total Dissipation PD:0.35W (Ta =25
)
Electrical Characteristics (VI=10V, IO=40mA,CI=0.33
F,CO=0.1
F, unless otherwise specified)
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
TJ =25
4.8
5.0
5.2
V
TJ =0
125
,7V
VI
20V, IO=1mA
40mA
4.75
5.0
5.25
V
TJ =0
125
,IO=1mA
70mA
4.75
5.0
5.25
V
TJ =25
,IO=1mA
100mA
15
60
mV
TJ =25
,IO=1mA
40mA
830
mV
7V
VI
20V
32
150
mV
TJ =25
,8V
VI
20V
26
100
mV
Quiescent Current
IQ
TJ =25
3.8
6
mA
TJ =0
125
,8V
VI
20V
1.5
TJ =0
125
,1mA
IO
40mA
0.1
Output Noise Voltage
VN
TJ =25
, 10Hz
f
100KHz
42
V
Ripple Rejection
RR
TJ =0
125
,8V
VI
20V, f = 120Hz
41
49
dB
Dropout Voltage
VD
TJ =25
1.7
V
IQ
Quiescent current Change
mA
Output Voltage
VO
Load Regulation
Line Regulation
VO
VO
VI
VO
CO
CI
1
2
3
0.1
F
0.33
F
Typical Application
Note:Bypass capacitors are recommended
for optimum stability and transient
response and should be located as
close as possible to the regulators.
Absolute Maximum Ratings (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Rating
Unit
Input Voltage
VI
30
V
Operating Junction Temperature Range
TOPR
-55
+125
Storage Temperature Range
TSTG
-55
+150
Marking Code:


Similar Part No. - KA080Q05

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KA080Q06 KEXIN-KA080Q06 Datasheet
132Kb / 2P
Three-Terminal Positive Voltage Regulator
KA080Q08 KEXIN-KA080Q08 Datasheet
131Kb / 2P
Three-Terminal Positive Voltage Regulator
More results

Similar Description - KA080Q05

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
LM78L05 KEXIN-LM78L05 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
78M12 KEXIN-78M12 Datasheet
179Kb / 1P
Three-terminal Positive Voltage Regulator
LM78M06 KEXIN-LM78M06 Datasheet
54Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ7815 WINNERJOIN-WEJ7815 Datasheet
162Kb / 1P
Three-terminal positive voltage regulator
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
Three-terminal positive voltage regulator
WEJ78L15-TO-92 WINNERJOIN-WEJ78L15-TO-92 Datasheet
164Kb / 1P
Three-terminal positive voltage regulator
WEJ78L06-TO-92 WINNERJOIN-WEJ78L06-TO-92 Datasheet
142Kb / 1P
Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
Three-terminal positive voltage regulator
78L05 LUGUANG-78L05 Datasheet
307Kb / 3P
Three-terminal positive voltage regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com