Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA10O150 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KA10O150
Description  High Driver Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KA10O150 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KA10O150 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KA10O150 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KA10O150 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KA10O150 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KA10O150 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
IC
High Driver Regulator
Electrical Characteristics Ta = 25
, +4.4V output type
VIN
Conditions
Output Voltage Tolerance
VOUT
6.4V
IOUT= 10mA
4.18
4.4
4.62
V
Output Current
IOUT
6.4V
60
100
mA
Load Regulation
VOUT
6.4V
1mA
IOUT
50mA
60
150
mV
Voltage Drop
VDIF
IOUT= 1mA
100
mV
Current Consumption
ISS
6.4V
No load
10
20
uA
Line Regulation
VOUT
VIN XVOUT
5.4V
VIN
12V
IOUT=1mA
0.2
%/V
Input Voltage
VIN
24
V
Temperature Coefficient
VOUT
Ta
6.4V
IOUT=10mA
0
<Ta<70
±0.7
mV/
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
, +5.0V output type
VIN
Conditions
Output Voltage Tolerance
VOUT
7V
IOUT= 10mA
4.75
5
5.25
V
Output Current
IOUT
7V
100
150
mA
Load Regulation
VOUT
7V
1mA
IOUT
70mA
60
150
mV
Voltage Drop
VDIF
IOUT= 1mA
100
mV
Current Consumption
ISS
7V
No load
10
20
uA
Line Regulation
VOUT
VIN XVOUT
6V
VIN
15V
IOUT=1mA
0.2
%/V
Input Voltage
VIN
24
V
Temperature Coefficient
VOUT
Ta
7V
IOUT=10mA
0
<Ta<70
±0.75
mV/
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
, +8.0V output type
VIN
Conditions
Output Voltage Tolerance
VOUT
10V
IOUT= 10mA
7.61
8
8.4
V
Output Current
IOUT
10V
100
150
mA
Load Regulation
VOUT
10V
1mA
IOUT
70mA
60
150
mV
Voltage Drop
VDIF
IOUT= 1mA
100
mV
Current Consumption
ISS
10V
No load
10
20
uA
Line Regulation
VOUT
VIN XVOUT
9V
VIN
20V
IOUT=1mA
0.2
%/V
Input Voltage
VIN
24
V
Temperature Coefficient
VOUT
Ta
10V
IOUT=10mA
0
<Ta<70
±1.2
mV/
Typ
Max
Unit
Parameter
Symbol
Test Conditions
Min



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com