Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NOS Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # NOS
Description  250 V NON/600 V NOS Class K5 and H fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

NOS Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  NOS Datasheet HTML 1Page - Eaton All Rights Reserved. NOS Datasheet HTML 2Page - Eaton All Rights Reserved. NOS Datasheet HTML 3Page - Eaton All Rights Reserved. NOS Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1030
Effective June 2017
Supersedes July 2013
250 V NON/600 V NOS Class K5 and H fuses
Description
Basic protection 250V NON Class K5 and H
general purpose, non-current-limiting, one-time
fuses.
Catalog symbol
•
NON-(amp)
Ratings
•
Volts
•
250 Vac
•
125 Vdc (1/8-100 A)
•
Amps 1/8-600 A
•
IR
•
50 kA Vac RMS Sym. (1/8-60 A)
•
10 kA Vac RMS Sym. (65-600 A)
•
50 kA Vdc (1/8-60 A)
•
10 kA Vdc (65-100 A)
Agency information
•
UL Listed, Class K5 (1/8-60 A), Std. 248-9, Class
H (65-600 A), Std. 248-6 (125 Vdc 1/8-100 A), UL
Guide JDDZ, File E4273
•
CSA Certified, Class 1421-01, File 53787 (1/8-12
A, 65-600 A)†
•
CE
† For CSA Certified 15-60 A, see PON data sheet no. 4126.
Catalog numbers (amps)
NON-1/8
NON-3
NON-12 NON-65
NON-200
NON-1/2
NON-3-2/10 NON-15 NON-70
NON-225
NON-3/4
NON-4
NON-20 NON-75
NON-250
NON-8/10
NON-5
NON-25 NON-80
NON-300
NON-1
NON-6
NON-30 NON-90
NON-350
NON-1-1/4
NON-6-1/4
NON-35 NON-100 NON-400
NON-1-1/2
NON-7
NON-40 NON-110 NON-450
NON-1-6/10
NON-8
NON-45 NON-125 NON-500
NON-2
NON-9
NON-50 NON-150 NON-600
NON-2-1/2
NON-10
NON-60 NON-175
Carton quantity
Amps
Qty.
1/8-60
10
65–100
5
110–600
1
Dimensions – in
0.56" (± 0.008)
2"
(0.031)
0.81" (± 0.008)
3"
(0.031)
1.06"
5.88" (± 0.062)
1/8 to 30A
35 to 60A
65 to 100A
All Diameters ± 0.008
2.06"
2.59"
8.63" (± 0.094)
10.38" ( 0.094)
225 to 400A
450 to 600A
1.56"
7.13" (± 0.062)
110 to 200A
Features
•
Protect lighting, heating and other circuits
not subject to temporary surges and where
available short-circuit currents are relatively low
•
NON one-time fuses do not have any
appreciable degree of timedelay and thus
should not be specified in circuits where
large transients or motor overloads occur.
Use Bussmann series advanced protection
FUSETRON™ FRN-R or ultimate protection
Low-Peak™ LPN-RK dual-element, time-delay
fuses.
•
For general purpose circuits, size at amp rating
of circuit
•
For motor circuits, size at 300% to 400%
according to the NEC® motor ampacity tables
430.247 to 430.250, per 430.6(A)(1)


Similar Part No. - NOS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOS AVX-NOS Datasheet
208Kb / 7P
Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
62Kb / 1P
Marking
logo
Cooper Bussmann, Inc.
NOS-1 COOPER-NOS-1 Datasheet
279Kb / 4P
NON/NOS, 600/250Vac Class K5 H
NOS-10 COOPER-NOS-10 Datasheet
279Kb / 4P
NON/NOS, 600/250Vac Class K5 H
NOS-100 COOPER-NOS-100 Datasheet
279Kb / 4P
NON/NOS, 600/250Vac Class K5 H
More results

Similar Description - NOS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
NLN LITTELFUSE-NLN Datasheet
465Kb / 2P
NLN/NLS Class K5 Fuses
logo
Cooper Bussmann, Inc.
NOS-110 COOPER-NOS-110 Datasheet
279Kb / 4P
NON/NOS, 600/250Vac Class K5 H
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
logo
Cooper Bussmann, Inc.
HM25060-1MW12 COOPER-HM25060-1MW12 Datasheet
5Mb / 11P
Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
RM25060-1MW12 COOPER-RM25060-1MW12 Datasheet
5Mb / 11P
Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
logo
Littelfuse
NLN LITTELFUSE-NLN_12 Datasheet
314Kb / 1P
Class K5 ??NLN/NLS Series (one-time) fuses
logo
Eaton All Rights Reserv...
UHA EATON-UHA Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
Littelfuse
NLN LITTELFUSE-NLN_V01 Datasheet
206Kb / 2P
CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com