Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # TPS
Description  TPS DC non-indicating power distribution fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TPS Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  TPS Datasheet HTML 1Page - Eaton All Rights Reserved. TPS Datasheet HTML 2Page - Eaton All Rights Reserved. TPS Datasheet HTML 3Page - Eaton All Rights Reserved. TPS Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 5009
Effective September 2017
Supersedes July 2017
TPS DC non-indicating power distribution fuses
Catalog symbols:
•
TPS-_ (ferrule)
•
TPS-_L (horizontal PCB tab)
•
TPS-_V (vertical PCB tab)
•
TPS-_LB (bolt tag)
Description:
TPS DC power distribution non-indicating fuses
specifically designed to meet the unique needs
of DC power distribution systems. Available in
ferrule, vertical and horizontal PCB tab and bolt tab
configurations
Specifications:
Ratings
•
Volts
•
170 Vac/dc (up to 60 A)
•
170 Vdc (70 to 80 A)
•
Amps 1 - 80 A
•
IR 100 kA
Agency information
•
UL® Recognized, Guide JFHR2, File E56412
•
RoHS Compliant
•
CE
Features
•
Telpower™ fuse line is the first to be specifically
designed to meet the unique needs of DC
power distribution systems
•
The UL Recognized with a 100kA interrupting
rating and current-limiting capability make the
TPS fuse ideal for overcurrent protection on
existing DC distribution systems
•
A unique blue label is used on all Telpower
fuses to designate their DC capability
•
PCB and bolt tag versions available for
application flexibility
•
Silver-plated brass ferrules
•
Glass melamine tube
•
For use with Bussmann series fused disconnect
switch 15800
•
Spare fuse holder available (cat. no. TPSFH-AS)
Catalog no. (amps)
Ferrule
TPS-1
TPS-6
TPS-25
TPS-50
TPS-2
TPS-10
TPS-30
TPS-60
TPS-3
TPS-15
TPS-35
TPS-70
TPS-5
TPS-20
TPS-40
TPS-80
Horizontal PCB tab
TPS-1L
TPS-6L
TPS-25L
TPS-50L
TPS-2L
TPS-10L
TPS-30L
TPS-60L
TPS-3L
TPS-15L
TPS-35L
TPS-70L
TPS-5L
TPS-20L
TPS-40L
Vertical PCB tab
TPS-10V
TPS-30V
TPS-50V
TPS-15V
TPS-35V
TPS-70V
TPS-25V
TPS-40V
TPS-80V
Bolt tab
TPS-1LB
TPS-40LB
TPS-60LB
TPS-35LB
TPS-50LB
TPS-70LB
2011/65/EU


Similar Part No. - TPS

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
Low ESR
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
734Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Transko Electronics, In...
TPS TRANSKO-TPS Datasheet
411Kb / 1P
FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
Low ESR
021318
More results

Similar Description - TPS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0481.180HXL LITTELFUSE-0481.180HXL Datasheet
143Kb / 2P
Special Application Fuses 481 Series Alarm Indicating Fuse
0481.200H LITTELFUSE-0481.200H Datasheet
143Kb / 2P
Special Application Fuses 481 Series Alarm Indicating Fuse
0481.250H LITTELFUSE-0481.250H Datasheet
143Kb / 2P
Special Application Fuses 481 Series Alarm Indicating Fuse
0481.375HXL LITTELFUSE-0481.375HXL Datasheet
143Kb / 2P
Special Application Fuses 481 Series Alarm Indicating Fuse
logo
Cooper Bussmann, Inc.
TPA-3 COOPER-TPA-3 Datasheet
63Kb / 2P
Telpower짰 DC Power Distribution Fuses 170 Volts, DC, 3??0 Amps
HLS-06 COOPER-HLS-06 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
TPS-1 COOPER-TPS-1_15 Datasheet
492Kb / 3P
DC power distribution non-indicating fuses
MIS-1 COOPER-MIS-1 Datasheet
292Kb / 2P
MIS non time-delay pin indicating supplemental fuses
GMT COOPER-GMT Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com