Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP304CS Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP304CS
Description  RS-232/RS-422 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP304CS Datasheet(HTML) 5 Page - Sipex Corporation

  SP304CS Datasheet HTML 1Page - Sipex Corporation SP304CS Datasheet HTML 2Page - Sipex Corporation SP304CS Datasheet HTML 3Page - Sipex Corporation SP304CS Datasheet HTML 4Page - Sipex Corporation SP304CS Datasheet HTML 5Page - Sipex Corporation SP304CS Datasheet HTML 6Page - Sipex Corporation SP304CS Datasheet HTML 7Page - Sipex Corporation SP304CS Datasheet HTML 8Page - Sipex Corporation SP304CS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
81
Corporation
SIGNAL PROCESSING EXCELLENCE
RIB1
ROB1
TOB1
TIB1
RIA1
ROA1
TOA1
TIA1
SELECT A = 1
SELECT B = 0
LOOPBACK = 1
TOA2
RIA2
TOB2
TIB2
RIB2
ROB2
VDD
GND
VCC
VEE
2N2222
VCC
3.3KΩ
3.3KΩ
Q3
Q4
SP304
VEE
VDD
Figure 2. Typical Circuit
transmission line with other RS-232 devices
which are not powered by the same power
supplies, it is possible that a device that is not
powered will have a low impedance path to
ground at its driver output. The RS-232 stan-
dards require that with no power applied to the
device, the impedance from a transmitter output
to ground must be greater than 300
Ω. This can
be easily achieved as shown in Figure 1a, where
an external transistor is used as a switch to
isolate an SP304 from ground in the power off
condition. With V
DD turned on, the transistor
switch is on, connecting ground (GND) for the
device to the circuit ground. In a power-off
condition, this transistor is switched off, thus
isolating the unit from circuit ground, and thereby
leaving the driver in a high impedance state.
Multiple SP304s can be connected as shown in
Figure 1b.
RS-422 OPERATION
The SP304 is a fully compliant RS-422 device
when operating in the RS-422 mode. Baud rate
and drive capability have been balanced to pro-
vide as much versatility as possible. The SP304
is both guaranteed for a 1Mbps data rate,
VDD
GND
VCC
VEE
2N2222
VEE
VDD
3.3kΩ
3.3kΩ
Q3
Q4
SP304
VCC
VDD
GND
VCC
VEE
2N2222
VEE
3.3kΩ
3.3kΩ
VDD
GND
VCC
VEE
Q3
Q4
SP304
SP304
VCC
VDD
Figure 1. Isolating the SP304 from Ground.
a) Single SP304
b) Multiple SP304
+4.0V for V
CC. Under these supply conditions,
derated performance can be expected.
POWER SUPPLY SEQUENCING
There are no special power–up sequencing re-
quirements for the SP304.
GENERAL USAGE
RS-232 Operation
The SP304 is a fully compliant RS-232 device.
Its outputs are fully protected against shorts to
±20V with no external circuitry. If the potential
exists for momentary shorts to voltages greater
than
±20V, it is recommended that a 220Ω
resistor be wired in series with each driver
output. This will limit any damage from the
higher short-circuit current from these higher
voltage potentials. Voltage clamps such as back-
to-back Zener diodes can be used to clamp the
driver outputs to “safe” levels. Short circuit
current to ground is internally limited, and can
therefore be sustained infinitely. Under normal
operating conditions, the drivers can typically
source 7mA at
±5V output, which exceeds the
minimum RS-232 standards requirement.
If an SP304 transmitter output occupies a data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com