Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP304CT Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP304CT
Description  RS-232/RS-422 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP304CT Datasheet(HTML) 3 Page - Sipex Corporation

  SP304CT Datasheet HTML 1Page - Sipex Corporation SP304CT Datasheet HTML 2Page - Sipex Corporation SP304CT Datasheet HTML 3Page - Sipex Corporation SP304CT Datasheet HTML 4Page - Sipex Corporation SP304CT Datasheet HTML 5Page - Sipex Corporation SP304CT Datasheet HTML 6Page - Sipex Corporation SP304CT Datasheet HTML 7Page - Sipex Corporation SP304CT Datasheet HTML 8Page - Sipex Corporation SP304CT Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
79
Corporation
SIGNAL PROCESSING EXCELLENCE
Notes:
1.
In Loopback mode
2.
Only one output drive pin per package will be shorted at any time
3.
From 10% to 90% of steady-state
4.
This is an absolute maximum rating; normal operating levels are V
IN < 5V
5.
Outputs unloaded; Inputs tied to GND; T
A = +25°C; VIL = 0V; LB=0
Typical SP304 current drains under full load are:
18mA (+12V), 10mA (-12V) and 7mA (+5V) in RS-232 mode only;
5mA (+12V), 7mA (-12V) and 56mA (+5V) in RS-422 mode only;
12mA (+12V), 14mA (-12V) and 31mA (+5V) in RS-232 and RS-422 modes;
RS232 loads 3k
Ω, 2500pF, 20kHz; RS422 outputs across 100Ω, 500kHz.
RS-422 Driver
2V
GND
5V
GND
–5V
T
IN
T
OUT
500kHz
5V
GND
10V
GND
–10V
T
IN
T
OUT
20kHz
RS-232 Driver
RS-422 Receiver
500kHz
2V
GND
–2V
5V
GND
R
IN
R
OUT
20kHz
5V
GND
–5V
5V
GND
R
IN
R
OUT
RS-232 Receiver
TYPICAL PERFORMANCE CURVES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com