Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMDA2N20F Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMDA2N20F
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMDA2N20F Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMDA2N20F Datasheet HTML 1Page - Excelliance MOS Corp. EMDA2N20F Datasheet HTML 2Page - Excelliance MOS Corp. EMDA2N20F Datasheet HTML 3Page - Excelliance MOS Corp. EMDA2N20F Datasheet HTML 4Page - Excelliance MOS Corp. EMDA2N20F Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2013/12/20 
p.4 
EMDA2N20F
On‐Resistance Variation with Temperature
T   ‐ Junction Temperature ( °C )
0.4
‐50
0.7
1.0
0
J
‐25
25
D
I   = 10.5A
V   = 10V
1.3
1.6
1.9
GS
125
50
75
100
150
On‐Resistance Variation with Gate‐Source Voltage
T   = 125°C
V   ‐ Gate‐Source Voltage( V )
0.05
2
0.10
0.20
0.15
GS
46
T   = 25°C
A
A
0.40
0.30
0.25
0.35
0.45
810
I   = 10.5 A
D
T   = ‐55°C
V   ‐ Gate‐Source Voltage( V )
3
10
0
20
4
GS
V   = 10V
40
30
50
60
DS
A
6
5
7
25°C
125°C
Transfer Characteristics
Body Diode Forward Voltage Variation
with Source Current and Temperature
25°C
T   = 125°C
V   ‐ Body Diode Forward Voltage( V )
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V    = 0V
1
10
100
A
GS
1.0
0.8
1.2
‐55°C
1.4
V     ‐   Dr a i n ‐ So u r c e   Vo l t a g e (   V   )
DS
8. 0V
V     =   15V
7. 0 V
GS
On ‐ Re g i o n   C h ar ac t e r i s t i c s
0. 1
1
10
100
0. 1
1
10
100
10V
On‐Resistance Variation with Drain Current and Gate Voltage
1.3
0.9
0
1.1
1.0
1.2
10
20
1.6
1.4
1.5
1.7
40
8.0 V
10 V
50
I   ‐ Drain Current( A )
D
GS
V    = 7 V
15 V
30
TYPICAL CHARACTERISTICS
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com