Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMDB0N25F Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMDB0N25F
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMDB0N25F Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMDB0N25F Datasheet HTML 1Page - Excelliance MOS Corp. EMDB0N25F Datasheet HTML 2Page - Excelliance MOS Corp. EMDB0N25F Datasheet HTML 3Page - Excelliance MOS Corp. EMDB0N25F Datasheet HTML 4Page - Excelliance MOS Corp. EMDB0N25F Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2013/12/20 
p.4 
EMDB0N25F
V   ‐ Drain‐Source Voltage( V )
0
0
5
DS
5
10
8.0V
V   = 10V
10
15
7.0V
GS
15
20
25
On‐Region Characteristics
25
20
On‐Resistance Variation with Drain Current and Gate Voltage
1.6
0.8
0
1.2
1.0
1.4
5
10
2.2
1.8
2.0
2.4
15
20
8.0 V
10 V
25
I   ‐ Drain Current( A )
D
GS
V    = 7.0 V
On‐Resistance Variation with Temperature
T   ‐ Junction Temperature (°C)
0.4
‐50
0.7
1.0
0
J
‐25
25
D
I   = 9A
V     = 10V
1.3
1.6
1.9
GS
125
50
75
100
150
On‐Resistance Variation with Gate‐Source Voltage
T   = 125°C
V   ‐ Gate‐Source Voltage( V )
0.05
2
0.15
0.35
0.25
GS
4
6
T   = 25°C
A
A
0.75
0.55
0.45
0.65
0.85
810
I   = 4.5 A
D
T   = ‐55°C
V   ‐ Gate‐Source Voltage( V )
3
3
0
6
4
GS
V   = 10V
12
9
15
18
DS
A
6
5
7
25°C
125°C
Transfer Characteristics
Body Diode Forward Voltage Variation
with Source Current and Temperature
25°C
T   = 125°C
V   ‐ Body Diode Forward Voltage( V )
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V    = 0V
1
10
100
A
GS
1.0
0.8
1.2
‐55°C
1.4
 
TYPICAL CHARACTERISTICS
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com