Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACKBME/R Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PACKBME/R
Description  KEYBOARD/MOUSE PORT INTERFACE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACKBME/R Datasheet(HTML) 2 Page - California Micro Devices Corp

  PACKBME/R Datasheet HTML 1Page - California Micro Devices Corp PACKBME/R Datasheet HTML 2Page - California Micro Devices Corp PACKBME/R Datasheet HTML 3Page - California Micro Devices Corp PACKBME/R Datasheet HTML 4Page - California Micro Devices Corp PACKBME/R Datasheet HTML 5Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
‹ 2002 California Micro Devices Corp. All rights reserved.
2
215 Topaz Street, Milpitas, California 95035
L Tel: (408) 263-3214 L
Fax: (408) 263-7846
L
www.calmicro.com
04/29/02
3$&.%0(
2UGHULQJ ,QIRUPDWLRQ
1RWH  3DUWV DUH VKLSSHG LQ 7DSH 5HHO IRUP XQOHVV RWKHUZLVH VSHFLILHG
3,1'(6&5,37,216
3,1
1$0(
'(6&5,37,21

'$7B,1
'DWD&KDQQHO)LOWHU ,QSXW

*1'
1HJDWLYH VXSSO\

&/.B,1
&ORFN &KDQQHO)LOWHU ,QSXW

&/.B287&ORFN &KDQQHO)LOWHU 2XWSXW
9''
3RVLWLYH VXSSO\ WRLQWHUQDO NΩ
Ω
Ω
Ω SXOOXS UHVLVWRUV

'$7B287
'DWD &KDQQHO)LOWHU 2XWSXW
3$&.$*( 3,1287 ',$*5$0
1RWH 7KLVGUDZLQJLV QRWWRVFDOH
SLQ 627






723 9,(:
'$7B,1
*1'
&/.B,1
&/.B287
9''
'$7B287
3$57 180%(5,1*,1)250$7,21
3LQV
3DFNDJH
2UGHULQJ3DUW1XPEHU
3DUW 0DUNLQJ

627
3$&.%0(5
.%0(



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com